Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 88 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 88 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 84Page - Advanced Micro Devices AM79C976 Datasheet HTML 85Page - Advanced Micro Devices AM79C976 Datasheet HTML 86Page - Advanced Micro Devices AM79C976 Datasheet HTML 87Page - Advanced Micro Devices AM79C976 Datasheet HTML 88Page - Advanced Micro Devices AM79C976 Datasheet HTML 89Page - Advanced Micro Devices AM79C976 Datasheet HTML 90Page - Advanced Micro Devices AM79C976 Datasheet HTML 91Page - Advanced Micro Devices AM79C976 Datasheet HTML 92Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 309 page
background image
88
Am79C976
8/01/00
P R E L I M INARY
For the other style of flow control, a single pause frame
is sent to halt transmissions for a predetermined period
of time. The contents of the request_operand field of
this frame are taken from the Pause Length register.
This style of flow control is selected by setting the Fixed
Length Pause bit (FIXP) to 1.
+DUGZDUH&RQWURO RI 7UDIILF 5HJXODWLRQ
The Flow Control pin (FC) allows external hardware to
cause pause frames to be transmitted or back pressure
to be asserted. The use of the FC pin for traffic regula-
tion is enabled by the FC Pin Enable bit (ENFC). When
FCPEN is cleared to 0, the signal on the FC pin is ig-
nored. Otherwise, back pressure is enabled when FC
is high and the device is operating in half-duplex mode,
and pause frames are sent at FC pin signal transitions
when the device is operating in full-duplex mode.
In full-duplex mode with the FC Pin Enable bit (FCPEN)
=1, the actions that occur at low-to-high and high-to-
low transitions of the FC pin depend on the value of the
Fixed Length Pause bit (FIXP). If FIXP is 1, a low-to-
high transition causes a pause frame to be sent with its
request_operand field contents taken from the Pause
Length register. In this case high-to-low transitions of
the FC pin are ignored.
If FIXP is 0, a low-to-high transition sends a pause
frame whose request_operand field contains 0FFFFh,
while a high-to-low transition sends a pause frame
whose request_operand field contains 0.
The effects of the FC pin are summarized in Table 13.
6RIWZDUH &RQWURORI7UDIILF 5HJXODWLRQ
For software control of traffic regulation the Flow Con-
trol Command bit (FCCMD) mimics the FC pin.
In half-duplex mode, back pressure is enabled when
FCCMD is set to 1, and it is disabled when FCCMD is
cleared to 0.
In full-duplex mode, the act of setting FCCMD to 1
causes a pause frame to be sent. The contents of the
request_operand field of the frame depend on the state
of the FIXP bit. If FIXP is 1, the contents of the
request_operand field are copied from the Pause
Length register. If FIXP is 0, the contents of the
request_operand field are set to 0FFFFh.
In full-duplex mode, if FIXP is 0, the act of clearing
FCCMD to 0 causes a pause frame to be sent with its
request_operand field cleared to 0.
If FIXP is set to 1, the FCCMD bit is self-clearing--the
CPU does not have to write to the Am79C976 device to
clear the FCCMD bit. This allows the CPU to use a sin-
gle write access to cause a pause frame to be sent with
a predetermined request_operand field.
Table 13. FC Pin Functions
FC Pin
Transition
FCPEN FIXP
Duplex
Mode
Action
X
0
X
X
No Action
0 to 1
1
X
Half
Enable back
pressure
1 to 0
1
X
Half
Disable back
pressure
0 to 1
1
1
Full
Send pause frame
with request
operand equal to
the contents of the
Pause Length
register
1 to 0
1
1
Full
No action
0 to 1
1
0
Full
Send pause frame
with request
operand equal to
0FFFFh.
1 to 0
1
0
Full
Send pause frame
with request
operand equal to
0000h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com