Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 82 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 82 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 78Page - Advanced Micro Devices AM79C976 Datasheet HTML 79Page - Advanced Micro Devices AM79C976 Datasheet HTML 80Page - Advanced Micro Devices AM79C976 Datasheet HTML 81Page - Advanced Micro Devices AM79C976 Datasheet HTML 82Page - Advanced Micro Devices AM79C976 Datasheet HTML 83Page - Advanced Micro Devices AM79C976 Datasheet HTML 84Page - Advanced Micro Devices AM79C976 Datasheet HTML 85Page - Advanced Micro Devices AM79C976 Datasheet HTML 86Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 309 page
background image
82
Am79C976
8/01/00
P R E L I M INARY
)LJXUH0HGLD ,QGHSHQGHQW,QWHUIDFH
The receive process starts when RX_DV is asserted.
RX_DV must remain asserted until the end of the re-
ceive frame. If the external PHY device detects errors
in the currently received frame, it asserts the RX_ER
signal. RX_ER can be used to signal special conditions
out of band when RX_DV is not asserted. Two defined
out-of-band conditions for this are the 100BASE-TX
signaling of bad Start of Frame Delimiter and the
100BASE-T4 indication of illegal code group before the
receiver has synchronized with the incoming data. The
Am79C976 controller will not respond to these condi-
tions. All out of band conditions are currently treated as
NULL events. Certain in-band non-IEEE 802.3-compli-
ant flow control sequences may cause erratic behavior
for the Am79C976 controller. Consult the switch/
bridge/router/hub manual to disable the in-band flow
control sequences if they are being used.
0,, 1HWZRUN6WDWXV,QWHUIDFH
The MII also provides the CRS (Carrier Sense) and
COL (Collision Sense) signals that are required for
IEEE 802.3 operation. Carrier Sense is used to detect
non-idle activity on the network for the purpose of inter-
frame spacing timing in half-duplex mode. Collision
Sense is used to indicate that simultaneous transmis-
sion has occurred in a half-duplex network.
0,, 0DQDJHPHQW,QWHUIDFH
The MII provides a two-wire management interface so
that the Am79C976 controller can control external PHY
devices and receive status from them.
The Am79C976 controller offers direct hardware sup-
port of the external PHY device without software inter-
vention. The device automatically uses the MII
Management Interface to read auto-negotiation infor-
mation from the external PHY device and configures
the MAC accordingly. The controller also provides the
host CPU indirect access to the external PHY through
the MII Control, Address, and Data registers (BCR32,
33, 34).
With software support the Am79C976 controller can
support up to 31 external PHYs attached to the MII
Management Interface.
Two independent state machines use the MII Manage-
ment Interface to poll external PHY devices: the Net-
work Port Manager and the Auto-poll State Machine.
The Network Port Manager coordinates the auto-nego-
tiation process, while the Auto-poll State Machine inter-
rupts the host CPU when it detects changes in user-
selected PHY registers.
The Network Port Manager sends a management
frame to the default PHY about once every 900 ms to
determine auto-negotiation results and the current link
status. The Network Port Manager uses the auto-nego-
tiation results to set the MAC’s speed, duplex mode,
and flow control ability. Changes detected by the Net-
work Port Manager affect the operation of the MAC and
MIB counters. For example, if link failure is detected,
the transmitter will increment the XmtLossCarrier
counter each time it attempts to transmit a frame.
The Auto-poll State Machine periodically sends man-
agement frames to poll the status register of the default
PHY device plus up to 5 user-selected PHY registers
and interrupts the host processor if it detects a change
in any of these registers. The Auto-poll State Machine
does not change the state of the MAC engine.
0,, 0DQDJHPHQW)UDPHV
The format of an MII Management Frame is defined in
Clause 22 of IEEE Std 802.3. The start of an MII Man-
4
RXD(3:0)
RX_DV
RX_ER
RX_CLK
4
TXD(3:0)
TX_EN
Am79C976
COL
CRS
Receive Signals
Transmit Signals
Management Port Signals
Network Status Signals
TX_CLK
MDIO
MDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com