Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 45 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 45 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 41Page - Advanced Micro Devices AM79C976 Datasheet HTML 42Page - Advanced Micro Devices AM79C976 Datasheet HTML 43Page - Advanced Micro Devices AM79C976 Datasheet HTML 44Page - Advanced Micro Devices AM79C976 Datasheet HTML 45Page - Advanced Micro Devices AM79C976 Datasheet HTML 46Page - Advanced Micro Devices AM79C976 Datasheet HTML 47Page - Advanced Micro Devices AM79C976 Datasheet HTML 48Page - Advanced Micro Devices AM79C976 Datasheet HTML 49Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 309 page
background image
8/01/00
Am79C976
45
P R E L I M INARY
ample, the memory system extends the data phase of
the first access by one wait state. The following three
data phases take one clock cycle each, which is deter-
mined by the timing of TRDY.
'0$ %XUVW $OLJQPHQW
The BIU has two programmable features that can im-
prove the DMA performance with PCI bridges that do
not automatically stop burst transfers to align them with
cache line boundaries:
1. The Burst Alignment (BA) bit (CTRL0, bit 0). When
this bit is set, if a burst transfer starts in the middle
of a cache line, the transfer will stop at the first
cache line boundary.
2. The Burst Limit Register (CTRL0, bits 3:0). This 4-
bit register limits the maximum length of a burst
transfer. If the contents of this register are 0, the
burst length is limited by the amount of data avail-
able or by the amount of FIFO space available.
If the contents of this register are not zero, a burst
transfer will end when the transfer has crossed the
number of cache line boundaries equal to the con-
tents of this register.
7DUJHW,QLWLDWHG7HUPLQDWLRQ
When the Am79C976 controller is a bus master, the cy-
cles it produces on the PCI bus may be terminated by
the target in one of three different ways: disconnect
with data transfer, disconnect without data transfer, and
target abort.
'LVFRQQHFW:LWK'DWD7UDQVIHU
Figure 15 shows a disconnection in which one last data
transfer occurs after the target asserted STOP. STOP
is asserted on clock 4 to start the termination se-
quence. Data is still transferred during this cycle, since
both IRDY and TRDY are asserted. The Am79C976
controller terminates the current transfer with the deas-
sertion of FRAME on clock 5 and of IRDY one clock
later. It finally releases the bus on clock 7. The
Am79C976 controller will again request the bus after
two clock cycles, if it wants to transfer more data. The
starting address of the new transfer will be the address
of the next non-transferred data.
)LJXUH%XUVW:ULWH 7UDQVIHU
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
REQ
GNT
1
2345678
ADDR
DATA
DATA
DATA
BE
0111
9
PAR
PAR
PAR
PAR
PAR
DATA
PAR
DEVSEL is sampled
22929B16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com