Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 81 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 81 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 77Page - Advanced Micro Devices AM79C976 Datasheet HTML 78Page - Advanced Micro Devices AM79C976 Datasheet HTML 79Page - Advanced Micro Devices AM79C976 Datasheet HTML 80Page - Advanced Micro Devices AM79C976 Datasheet HTML 81Page - Advanced Micro Devices AM79C976 Datasheet HTML 82Page - Advanced Micro Devices AM79C976 Datasheet HTML 83Page - Advanced Micro Devices AM79C976 Datasheet HTML 84Page - Advanced Micro Devices AM79C976 Datasheet HTML 85Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 309 page
background image
8/01/00
Am79C976
81
P R E L I M INARY
— Transmission is not deferred while receive is
active.
— The IPG counter which governs transmit deferral
during the IPG between back-to-back transmits
is started when transmit activity for the first
packet ends, instead of when transmit and car-
rier activity ends.
s
7KH FROOLVLRQ LQGLFDWLRQ LQSXW WR WKH 0$& HQJLQH LV
LJQRUHG
)XOO'XSOH[/LQN 6WDWXV /(' 6XSSRUW
The Am79C976 controller provides bits in each of the
LED Status registers (BCR4, BCR5, BCR6, BCR7) to
display the Full-Duplex Link Status. If the FDLSE bit (bit
8) is set, a value of 1 will be sent to the associated LED-
OUT bit when in Full-Duplex.
Media Independent Interface
The Am79C976 controller fully suppor ts the MII
according to the IEEE 802.3 standard. This Reconcili-
ation Sublayer interface allows a variety of PHYs
(10 0 BASE-T X , 100 BASE-F X , 100BASE-T 4 ,
100BASE-T2, 10BASE-T, etc.) to be attached to the
Am79C976 MAC engine without future upgrade prob-
lems. The MII interface is a 4-bit (nibble) wide data path
interface that runs at 25 MHz for 100-Mbps networks or
2.5 MHz for 10-Mbps networks. The interface consists
of two independent data paths, receive (RXD(3:0)) and
transmit (TXD(3:0)), control signals for each data path
(RX_ER, RX_DV, TX_EN), network status signals
(COL, CRS), clocks (RX_CLK, TX_CLK) for each data
path, and a two-wire management interface (MDC and
MDIO). See Figure 3333.
The transmit and receive paths in the Am79C976 con-
troller's MAC are independent. The TX_CLK and
RX_CLK need not run at the same frequency. TX_CLK
can slow down or stop without affecting receive and
vice versa. It is only necessary to respect the minimum
clock high and low time specifications when switching
TX_CLK or RX_CLK. This facilitates operation with
PHYs that use MII signaling but do not adhere to 802.3
MII specifications.
0,, 7UDQVPLW ,QWHUIDFH
The MII transmit clock is generated by the external
PHY and is sent to the Am79C976 controller on the
TX_CLK input pin. The clock can run at 25 MHz or 2.5
MHz, depending on the speed of the network to which
the external PHY is attached. The data is a nibble-wide
(4 bits) data path, TXD(3:0), from the Am79C976 con-
troller to the external PHY and is synchronous with the
rising edge of TX_CLK. The transmit process starts
when the Am79C976 controller asserts TX_EN, which
indicates to the external PHY that the data on TXD(3:0)
is valid.
IEEE Std 802.3 provides a mechanism for signalling
unrecoverable errors through the MII to the external
PHY with the TX_ER output pin. The external PHY will
respond to this error by generating a TX coding error on
the current transmitted frame. The Am79C976 control-
ler does not use this method of signaling errors on the
transmit side. Instead if the Am79C976 controller de-
tects a transmit error, it will invert the FCS to generate
an invalid FCS. Since the Am79C976 controller does
not implement the TX_ER function, the TX_ER pin on
the external PHY device should be connected to VSS.
0,, 5HFHLYH ,QWHUIDFH
The MII receive clock is also generated by the external
PHY and is sent to the Am79C976 controller on the
RX_CLK input pin. The clock will be the same fre-
quency as the TX_CLK but will be out of phase and can
run at 25 MHz or 2.5 MHz, depending on the speed of
the network to which the external PHY is attached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com