Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 78 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 78 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 74Page - Advanced Micro Devices AM79C976 Datasheet HTML 75Page - Advanced Micro Devices AM79C976 Datasheet HTML 76Page - Advanced Micro Devices AM79C976 Datasheet HTML 77Page - Advanced Micro Devices AM79C976 Datasheet HTML 78Page - Advanced Micro Devices AM79C976 Datasheet HTML 79Page - Advanced Micro Devices AM79C976 Datasheet HTML 80Page - Advanced Micro Devices AM79C976 Datasheet HTML 81Page - Advanced Micro Devices AM79C976 Datasheet HTML 82Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 309 page
background image
78
Am79C976
8/01/00
P R E L I M INARY
VLAN Support
Virtual Bridged Local Area Network (VLAN) tags are
defined in IEEE Std 802.3ac-1998. A VLAN tag is a
4-byte quantity that is inserted between the Source
Address field and the Length/Type field of a basic 802.3
MAC frame. The VLAN tag consists of a Length/Type
field that contains the value 8100h and a 16-bit Tag
Control Information (TCI) field. The TCI field is further
divided into a 3-bit User Priority field, a 1-bit Canonical
Format Indicator (CFI), and a 12-bit VLAN Identifier.
A frame that has no VLAN tag is said to be untagged.
A frame with a VLAN tag whose VLAN Identifier field
contains the value 0 is said to be priority-tagged. A
frame with a VLAN tag with a non-zero VLAN Identifier
field is said to be VLAN-tagged.
The format of a VLAN-tagged frame is shown in
Figure 32.
98
XmtBackPressure
The total number of back pressure collisions
generated.
9C
XmtFlowCtrl
PAUSEMACCtrlFramesTransmitted
The total number of PAUSE packets
generated and transmitted by the controller
hardware.
A0
XmtPkts64Octets
RMON etherStatsPkts64Octets
The total number of packets (excluding error
packets) that are 64 bytes long.
A4
XmtPkts65to127Octets
RMON etherStatsPkts65to127Octets
The total number of packets transmitted
(excluding error packets) that are 65 bytes to
127 bytes long, inclusive.
A8
XmtPkts128to255Octets
RMON etherStatsPkts128to255Octets
The total number of packets transmitted
(excluding error packets) that are 128 bytes to
255 bytes long, inclusive.
AC
XmtPkts256to511Octets
RMON etherStatsPkts256to511Octets
The total number of packets transmitted
(excluding error packets) that are 256 bytes to
511 bytes long, inclusive.
B0
XmtPkts512to1023Octets
RMON etherStatsPkts512to1023Octets
The total number of packets transmitted
(excluding error packets) that are 512 bytes to
1023 bytes long, inclusive
B4
XmtPkts1024to1518Octets RMON etherStatsPkts1024to1518Octets
The total number of packets transmitted
(excluding error packets) that are 1024 bytes
to 1518 (1522 when VLAN set) bytes long,
inclusive.
B8
XmtOversizePkts
The total number of packets transmitted
(excluding error packets) that are longer than
1518 (1522 when VLAN set) bytes.
Offset
(hex)
Transmit Counter Name
MIB Object Supported
Description of Counter/Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com