Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 91 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 91 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 87Page - Advanced Micro Devices AM79C976 Datasheet HTML 88Page - Advanced Micro Devices AM79C976 Datasheet HTML 89Page - Advanced Micro Devices AM79C976 Datasheet HTML 90Page - Advanced Micro Devices AM79C976 Datasheet HTML 91Page - Advanced Micro Devices AM79C976 Datasheet HTML 92Page - Advanced Micro Devices AM79C976 Datasheet HTML 93Page - Advanced Micro Devices AM79C976 Datasheet HTML 94Page - Advanced Micro Devices AM79C976 Datasheet HTML 95Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 309 page
background image
8/01/00
Am79C976
91
P R E L I M INARY
([WHUQDO $GGUHVV'HWHFWLRQ ,QWHUIDFH5HFHLYH
)UDPH 7DJJLQJ
Receive Frame Tagging is a feature that allows the ex-
ternal address detection logic to pass an identification
code or tag to the Am79C976 controller to be placed in
the RX descriptor corresponding to a received frame.
The external logic can shift this tag in as a serial bit
stream on the Receive Frame Tag Data (RXFRTGD)
pin. It uses the Receive Frame Tag Enable (RXFRTGE)
pin to indicate when the tag data is valid. The clock sig-
nal for shifting in the tag data is RX_CLK. See
Figure 3535.
If the Software Style (SWSTYLE) field in BCR20 con-
tains the value 2 or 3, the Receive Frame Tag can be
up to 15 bits long. In this case the tag data is sampled
on the low-to-high transition of RX_CLK whenever RX-
FRTGE is high. If SWSTLYE = 5, the Receive Frame
Tag can be up to 32 bits long. In this case, the tag data
is sampled on both edges of RX_CLK so that the entire
tag can be shifted in 16 RX_CLK cycles or less, de-
pending on the length of the tag. If SWSTYLE is 0 or 4,
Receive Frame Tagging is not supported. In those
cases the descriptor space is allocated to other func-
tions.
If SWSTYLE = 5, tag bits are shifted in the order B31,
B15, B30, B14, … , B0, where B0 is the least significant
bit of the tag. This sequence allows the external logic
to be simplified slightly if the system design requires a
frame tag of fewer than 17 bits. In this case the external
logic can use only one clock edge to shift in the data.
Since the Am79C976 device samples the RXFRTGD
pin on both edges of RX_CLK, the same data will ap-
pear in the upper and lower halves of the frame tag field
in the descriptor.
If SWSTYLE = 2 or 3, tag bits are shifted in the order
B14, B13, ... , B0.
Because of the order in which frame tag bits are shifted
in, if the tag is shorter than 15 bits, the tag data will be
placed in the least significant portion of the Receive
Frame Tag field of the RX descriptor, and the most sig-
nificant bits of the field will be cleared to zeros.
RXFRTGE need not be a continuous signal. It can tog-
gle on and off so that the tag data can be shifted in at a
slower rate than the frequency of RX_CLK. The length
of the frame tag is determined by the number of
RX_CLK cycles during which RXFRTGE is asserted
before the end of the frame arrives (with a maximum of
15 bits for SWSTYLE 2 or 3 or a maximum of 32 bits for
SWSTYLE 5). The last bit of the Receive Frame Tag
must be shifted into the RXFRTGD input at least one
RX_CLK cycle before RX_DV is de-asserted.
The Receive Frame Tagging feature is enabled by the
RXFRTAGEN bit in the Command1 Register. When this
bit is cleared to 0, the Receive Frame Tag field of the
RX descriptor will be filled with zeros.
)LJXUH  0,,5HFHLYH )UDPH 7DJJLQJ
External Memory Interface
The Am79C976 controller contains an External Mem-
ory Interface that supports Flash (or EPROM) devices
as boot devices, as well as SSRAM for frame data stor-
age. The controller provides read and write access to
Flash or EPROM. No glue logic is required for the
memory interface.
The Am79C976 device contains a built-in self test sys-
tem (MBIST) that can be programmed to run a diag-
nostics test on the external SSRAM.
The external SSRAM is organized around a 32-bit data
bus. The memory can be as large as 1M X 32 bits. The
memory devices can be either JEDEC standard Pipe-
line Burst Synchronous Static RAM devices (PB-SS-
RAM) or ZBT™ Synchronous Static RAM (ZBT-
SSRAM) with pipelined outputs. The SRAM_TYPE
field of the Control1 Register must be initialized to
indicate which type of SSRAM is actually used.
RX_CLK
RX_DV
MIIRXFRTGE
MIIRXFRTGD
SF/BD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com