Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 79 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 79 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 75Page - Advanced Micro Devices AM79C976 Datasheet HTML 76Page - Advanced Micro Devices AM79C976 Datasheet HTML 77Page - Advanced Micro Devices AM79C976 Datasheet HTML 78Page - Advanced Micro Devices AM79C976 Datasheet HTML 79Page - Advanced Micro Devices AM79C976 Datasheet HTML 80Page - Advanced Micro Devices AM79C976 Datasheet HTML 81Page - Advanced Micro Devices AM79C976 Datasheet HTML 82Page - Advanced Micro Devices AM79C976 Datasheet HTML 83Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 309 page
background image
8/01/00
Am79C976
79
P R E L I M INARY
)LJXUH 9/$17DJJHG)UDPH)RUPDW
The Am79C976 device includes several features that
can simplify the processing of IEEE 802.3ac VLAN-
tagged frames.
9/$1 )UDPH 6L]H
While the maximum frame size for IEEE 802.3 frames
without VLAN tags is 1518 bytes, the maximum frame
size for VLAN-tagged frames is 1522 bytes. The VLAN
frame size bit (VSIZE, CMD3, bit 20) determines the
maximum frame size. When VSIZE is set to 1 the max-
imum frame size is 1522 bytes. Otherwise, the maxi-
mum frame size is 1518 bytes.
The maximum frame size is used for determining
whe n to i n c r eme n t th e Xm tO v e r s i z eP k t s ,
XmtPkts1024to1518Octets, XmtExcessiveDefer,
RcvPkts1024to1518Octets, and RcvOversizePkts
MIB counters.
$GPLW2QO\9/$1)UDPHV2SWLRQ
The Admit Only VLAN (VLONLY) bit in the Command1
Register can be programmed to reject any frame that is
not VLAN-tagged. When VLONLY is set, untagged or
priority-tagged frames will be flushed from the receive
FIFO and will not be copied into system memory. Only
frames with a Length/Type field equal to 8100h and a
non-zero VLAN ID field will be received. The VLAN ID
field consists of bits [11:0] of the 15th and 16th bytes of
the frame.
9/$1 7DJVLQ'HVFULSWRUV
When the SWSTYLE field in CSR58 contains the value
4 or 5, VLAN tag information can be passed between
the host CPU and the network medium through Trans-
mit or Receive Descriptors. The transmitter can be pro-
grammed to insert or delete a VLAN tag or to modify
the TCI field of a VLAN tag. This feature allows VLAN
software to control the VLAN tag of a frame without
modifying data in transmit buffers. The receiver can de-
termine whether a frame is untagged, priority-tagged,
or VLAN-tagged, and it can copy the TCI field of the
VLAN tag into the Receive Descriptor
The Tag Control Command (TCC) is a 2-bit field in the
Transmit Descriptor that determines whether the trans-
mitter will insert, delete, or modify a VLAN tag or trans-
mit the data from the transmit buffers unaltered. The
encoding of the TCC field is shown in Table 9.
If the transmitter adds, deletes, or modifies a VLAN tag,
it will append a valid FCS field to the frame, regardless
of the state of the Disable Transmit FCS (DXMTFCS)
bit in CSR15.
When SWSTYLE is 4 or 5, the receiver examines each
incoming frame and writes the frame’s VLAN classifica-
tion into the Tag Type (TT) field of the Receive Descrip-
tor. If the frame contains a VLAN tag, the receiver will
copy the TCI field of tag into the TCI field of the Receive
Descriptor. The encoding of the TT field is shown in
Table 10.
PREAMBLE
SFD
DESTINATION ADDRESS
SOURCE ADDRESS
LENGTH/TYPE = 8100h
TAG CONTROL INFORMATION
MAC CLIENT LENGTH/TYPE
MAC CLIENT DATA
FRAME CHECK SEQUENCE
7 OCTETS
1 OCTET
6 OCTETS
6 OCTETS
2 OCTETS
2 OCTETS
2 OCTETS
42-1500 OCTETS
4 OCTETS
VLAN ID
CANONICAL FMT INDICATOR
USER PRIORITY
0
11
13
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com