Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 87 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 87 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 83Page - Advanced Micro Devices AM79C976 Datasheet HTML 84Page - Advanced Micro Devices AM79C976 Datasheet HTML 85Page - Advanced Micro Devices AM79C976 Datasheet HTML 86Page - Advanced Micro Devices AM79C976 Datasheet HTML 87Page - Advanced Micro Devices AM79C976 Datasheet HTML 88Page - Advanced Micro Devices AM79C976 Datasheet HTML 89Page - Advanced Micro Devices AM79C976 Datasheet HTML 90Page - Advanced Micro Devices AM79C976 Datasheet HTML 91Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 309 page
background image
8/01/00
Am79C976
87
P R E L I M INARY
1. FORCE_FD (CMD3, bit 12),
2. FORCE_SPEED (CTRL2, bits 18-16),
3. FORCE_LINK_STAT (CMD3, bit 11), and
4. Force Pause Ability (FPA, FLOW_CONTROL, bit
20).
These bits set up the duplex mode, speed, and flow
control ability in the MAC and put the MAC into the Link
Pass state.
Regulating Network Traffic
The Am79C976 device provides two hardware mecha-
nisms for regulating network traffic: 802.3x Flow Con-
trol and collision-based back pressure. 802.3x Flow
Control applies to full-duplex operation only, while back
pressure applies to half-duplex operation only. 802.3x
Flow Control works by sending and receiving MAC
Control PAUSE frames, which cause the receiving sta-
tion to postpone transmissions for a time determined by
the contents of the PAUSE frame. Back pressure forces
collisions to occur when other nodes attempt to trans-
mit, thereby preventing other nodes from transmitting
for periods of times determined by the back-off algo-
rithm.
0$& &RQWURO3DXVH)UDPHV
The format of a MAC Control Pause frame is shown in
Table 12.
When a network station that supports IEEE 802.3x
Flow Control receives a pause frame, it must suspend
transmissions after the end of any frame that was being
transmitted when the pause frame arrived. The length
of time for which the station must suspend transmis-
sions is given in the request_operand field of the pause
frame. This pause time is given in units of slot times.
For 10-Mbps and 100-Mbps 802.3 networks, one slot
time is 512 bit times. The request_operand field is in-
terpreted as Big-Endian data--octet 17 is the most sig-
nificant byte and octet 18 is the least significant byte.
%DFN 3UHVVXUH
The Am79C976 device supports collision-based back
pressure for congestion control when the device is op-
erating in half-duplex mode. Back pressure is enabled
when the device is operating in half duplex mode and
either the Flow Control Command bit (FCCMD,
FLOW_CONTROL, bit 16) is set or the FC Pin Enable
bit (FCPEN, FLOW_CONTROL, bit 17) is set and the
FC pin is asserted.
When the MAC begins receiving a frame that passes
the address matching criteria and if back pressure is
enabled, the MAC will intentionally cause a collision by
transmitting a “phantom” frame consisting of a continu-
ous stream of alternating 1s and 0s. The length of the
phantom frame is 568 bits so that it will be interpreted
as a runt frame.
Back pressure does not affect the transmission of a
frame. The MAC will only force a collision when it be-
gins to receive a new frame.
The generation of a Back-Pressure collision causes the
XmtBackPressure MIB Counter to increment.
(QDEOLQJ 7UDIILF 5HJXODWLRQ
Traffic regulation can be controlled either by external
hardware or by CPU commands. Traffic regulation is af-
fected by the following:
s
'XSOH[PRGH
s
)ORZ &RQWURO )& SLQ
s
)&3LQ (QDEOH )&3(1 ELW
s
)ORZ &RQWURO &RPPDQG )&&0' ELW
s
)L[HG /HQJWK 3DXVH ),;3 ELW
s
ELW3$86( /HQJWK 5HJLVWHU
s
1HJRWLDWH 3DXVH $ELOLW\ 13$ ELW
s
)RUFH 3DXVH $ELOLW\ )3$ ELW
The duplex mode affects the type of traffic regulation
that is used. In full-duplex mode the FC pin and the
FCPEN, FCCMD, and FIXP bits control the transmis-
sion of pause frames. In half-duplex mode the same pin
and bits control the assertion of back pressure. Also, in
half-duplex mode the Am79C976 device does not
respond to received pause frames.
The Am79C976 device includes support for two styles
of full-duplex flow control. In one style, which is similar
to an XON-XOFF protocol, a pause frame whose
request_operand field (bytes 17 and 18) contains
0FFFFh is sent to prevent the link partner from transmit-
ting. Later, a pause frame whose request_operand field
contains 0 is sent to allow the link partner to resume
transmissions. This style of flow control is selected by
clearing the Fixed Length Pause bit (FIXP) to 0.
Table 12. MAC Control Pause Frame Format
Octet
Numbers
Field Name
Value
1-6
Destination
Address
01-80-C2-00-00-01
7-12
Source Address
Sender’s physical
address
13-14
Length/Type
88-08
15-16
MAC Control
Opcode
00-01
17-18
Request_operand
Pause time measured in
slot times
19-60
Pad
Zeros
61-64
FCS
FCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com