Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 33 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 33 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 29Page - Advanced Micro Devices AM79C976 Datasheet HTML 30Page - Advanced Micro Devices AM79C976 Datasheet HTML 31Page - Advanced Micro Devices AM79C976 Datasheet HTML 32Page - Advanced Micro Devices AM79C976 Datasheet HTML 33Page - Advanced Micro Devices AM79C976 Datasheet HTML 34Page - Advanced Micro Devices AM79C976 Datasheet HTML 35Page - Advanced Micro Devices AM79C976 Datasheet HTML 36Page - Advanced Micro Devices AM79C976 Datasheet HTML 37Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 309 page
background image
8/01/00
Am79C976
33
P R E L I M INARY
DETAILED FUNCTIONS
Slave Bus Interface Unit
The slave bus interface unit (BIU) controls all accesses
to the PCI configuration space, the Control and Status
Registers (CSR), the Bus Configuration Registers
(BCR), the Address PROM (APROM) locations, and
the Expansion ROM. Table 2 shows the response of
the Am79C976 controller to each of the PCI commands
in slave mode.
Table 2. Slave Commands
Slave Configuration Transfers
The host can access the Am79C976 PCI configuration
space with a configuration read or write command. The
Am79C976 controller will assert DEVSEL during the
address phase when IDSEL is asserted, AD[1:0] are
both 0, and the access is a configuration cycle. AD[7:2]
select the DWord location in the configuration space.
The Am79C976 controller requires AD[10:8] to be 0,
because it is a single function device. AD[31:11] are
“don't care.”
The active bytes within a DWord are determined by the
byte enable signals. Eight-bit, 16-bit, and 32-bit trans-
fers are supported. DEVSEL is asserted two clock cy-
cles a f t e r t h e h o st ha s a sser t ed FR AM E . A ll
co nf ig ura t io n cycle s are of f i xe d le n g t h . The
Am79C976 controller will assert TRDY on the third or
fourth clock of the data phase.
The Am79C976 controller does not support burst trans-
fers for access to configuration space. When the host
keeps FRAME asserted for a second data phase, the
Am79C976 controller will disconnect the transfer.
When the host tries to access the PCI configuration
space while the automatic read of the EEPROM after
H_RESET (see section on RESET) is on-going, the
Am79C976 controller will terminate the access on the
PCI bus with a disconnect/retry response.
The Am79C976 controller supports fast back-to-back
transactions to different targets. This is indicated by the
Fast Back-To-Back Capable bit (PCI Status register,
bit 7), which is hardwired to 1. The Am79C976 control-
ler is capable of detecting a configuration cycle even
when its address phase immediately follows the data
phase of a transaction to a different target without any
idle state in-between. There will be no contention on
the DEVSEL, TRDY, and STOP signals, since the
Am79C976 controller asserts DEVSEL on the second
clock after FRAME is asserted (medium timing).
Slave I/O Transfers
After the Am79C976 controller is configured as an I/O
device by setting IOEN (for regular I/O mode) or
MEMEN (for memory mapped I/O mode) in the PCI
Command register, it starts monitoring the PCI bus for
access to its address space. If configured for regular
I/O mode, the Am79C976 controller will look for an ad-
dress that falls within its 32 bytes of I/O address space
(starting from the I/O base address). The Am79C976
controller asserts DEVSEL if it detects an address
match and the access is an I/O cycle. If configured for
memory mapped I/O mode, the Am79C976 controller
will look for an address that falls within its 4096 bytes of
memory address space (starting from the memory
mapped I/O base address). The Am79C976 controller
asserts DEVSEL if it detects an address match and the
C[3:0]
Command
Use
0000
Interrupt
Acknowledge
Not used
0001
Special Cycle
Not used
0010
I/O Read
Read of CSR, BCR, APROM,
and Reset registers
0011
I/O Write
Write to CSR, BCR, and
APROM
0100
Reserved
0101
Reserved
0110
Memory Read
Memory mapped I/O read of
CSR, BCR, APROM, and
Reset registers read of the
Expansion Bus
0111
Memory Write
Memory mapped I/O write of
CSR, BCR, and APROM
1000
Reserved
1001
Reserved
1010
Configuration
Read
Read of the Configuration
Space
1011
Configuration
Write
Write to the Configuration
Space
1100
Memory Read
Multiple
Aliased to Memory Read
1101
Dual Address
Cycle
Not used
1110
Memory Read
Line
Aliased to Memory Read
1111
Memory Write
Invalidate
Aliased to Memory Write
AD31-
AD11
AD10 -
AD8
AD7-
AD2
AD1
AD0
Don’t care
0
DWord
index
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com