Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 27 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 27 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 23Page - Advanced Micro Devices AM79C976 Datasheet HTML 24Page - Advanced Micro Devices AM79C976 Datasheet HTML 25Page - Advanced Micro Devices AM79C976 Datasheet HTML 26Page - Advanced Micro Devices AM79C976 Datasheet HTML 27Page - Advanced Micro Devices AM79C976 Datasheet HTML 28Page - Advanced Micro Devices AM79C976 Datasheet HTML 29Page - Advanced Micro Devices AM79C976 Datasheet HTML 30Page - Advanced Micro Devices AM79C976 Datasheet HTML 31Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 309 page
background image
8/01/00
Am79C976
27
P R E L I M INARY
This pin can drive the external system management
logic that causes the CPU to get out of a low power
mode of operation. This pin is implemented for designs
that do not support the PME function.
Three bits that are loaded from the EEPROM into
CSR116 can program the characteristics of this pin:
1. RWU_POL determines the polarity of the RWU sig-
nal.
2. If RWU_GATE bit is set, RWU is forced to the high
impedance state when PG input is LOW.
3. RWU_DRIVER determines whether the output is
open drain or totem pole.
The internal power-on-reset signal forces this output
into the high impedance state until after the polarity and
drive type have been determined.
WUMI
Wake-Up Mode Indicator
Output,
Open Drain
This output, which is capable of driving an LED, is as-
serted when the device is in Magic Packet mode. It can
be used to drive external logic that switches the device
power source from the main power supply to an auxil-
iary power supply.
VAUX_SENSE
3.3 Vaux Presence Sense
Input
The signal on this pin is logically anded with bit 15 of
the PCI PMC register when the PMC register is read.
This pin should normally be connected to the PCI
3.3 Vaux pin. This allows the PMC register to indicate
that the device is capable of supporting PME from the
D3cold state only when the 3.3 Vaux pin is supplying
power.
CLKSEL0
Clock Select 0
Input
The Am79C976 system clock can either be driven by
an external clock generator connected to the XCLK pin
or by an internal clock generator timed by a 25-MHz
crystal connected between the XTAL1 and XTAL2 pins.
The CLKSEL0 and CLKSEL1 pins select the source of
the system clock and the frequency at which the exter-
nal clock generator must run. In addition, CLKSEL0
and CLKSEL1 determine the frequency of ERCLK, the
external SSRAM clock. Table 1 shows the possible
combinations.
CLKSEL1
Clock Select 1
Input
The Am79C976 system clock can either be driven by
an external clock generator connected to the XCLK pin
or by an internal clock generator timed by a 25-MHz
crystal connected between the XTAL1 and XTAL2 pins.
The CLKSEL0 and CLKSEL1 pins select the source of
the system clock and the frequency at which the exter-
nal clock generator must run. In addition CLKSEL0 and
CLKSEL1 determine the frequency of ERCLK, the ex-
ternal SSRAM clock. Table 1 shows the possible com-
binations.
CLKSEL2
Clock Select 2
Input
The CLKSEL2 pin must be held low during normal op-
eration.
TEST
Test Reset
Input
The TEST pin must be held low during normal opera-
tion.
XCLK
External Clock Input
Input
The Am79C976 system clock can either be driven by
an external clock generator connected to this pin or by
a 25-MHz crystal connected between the XTAL1 and
XTAL2 pins, depending on the state of the CLKSEL0
an d CLKSEL1 pins. When either CL KSEL0 or
CLKSEL1 or both are held high, a 20-, 25-, or
33
1/
3-MHz clock signal must be applied to XCLK as
shown in Table 1. When CLKSEL0 and CLKSEL1 are
both held low, the XCLK pin should be connected to ei-
ther VSS or VDD.
Table 1. System Clock Selections
XTAL1
Crystal
Input
If the CLKSEL0 and CLKSEL1 pins are both held low,
a 25-MHz crystal should be connected between the
XTAL1 pin and the XTAL2 pin. This crystal controls the
frequency of the internal clock-generator circuit.
If the CLKSEL0 and CLKSEL1 pins are not both held
low, a 20-, 25-, or 331/
3-MHz clock source must be con-
CLKSEL2 CLKSEL1 CLKSEL0
CLOCK
SOURCE
ERCLK
(MHz)
1X
X
Design Factory
Test Only.
000
25-MHz
Crystal,
XTAL1,XT
AL2
87.5
001
XCLK, 20
MHz
90
010
XCLK, 25
MHz
87.5
011
XCLK,
331/
3 MHz
82.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com