Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 52 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 52 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 48Page - Advanced Micro Devices AM79C976 Datasheet HTML 49Page - Advanced Micro Devices AM79C976 Datasheet HTML 50Page - Advanced Micro Devices AM79C976 Datasheet HTML 51Page - Advanced Micro Devices AM79C976 Datasheet HTML 52Page - Advanced Micro Devices AM79C976 Datasheet HTML 53Page - Advanced Micro Devices AM79C976 Datasheet HTML 54Page - Advanced Micro Devices AM79C976 Datasheet HTML 55Page - Advanced Micro Devices AM79C976 Datasheet HTML 56Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 309 page
background image
52
Am79C976
8/01/00
P R E L I M INARY
)LJXUH  0DVWHU &\FOH'DWD 3DULW\ (UURU 5HVSRQVH
Whenever the Am79C976 controller is the current bus
master and a data parity error occurs, SINT (CSR5, bit
11) will be set to 1. When SINT is set, INTA is asserted
if the enable bit SINTE (CSR5, bit 10) is set to 1. This
mechanism can be used to inform the driver of the sys-
tem error. The host can read the PCI Status register to
determine the exact cause of the interrupt. The setting
of SINT due to a data parity error is not dependent on
the setting of PERREN (PCI Command register, bit 6).
By default, a data parity error does not affect the state
of the MAC engine. The Am79C976 controller treats the
data in all bus master transfers that have a parity error
as if nothing has happened. All network activity contin-
ues.
,QLWLDOL]DWLRQ%ORFN'0$ 7UDQVIHUV
During execution of the Am79C976 controller bus mas-
ter initialization procedure, the Am79C976 controller
will use a burst transfer of seven Dwords to read the ini-
tialization block. AD[1:0] is 0 during the address phase
indicating a linear burst order.
'HVFULSWRU '0$ 7UDQVIHUV
During descriptor read accesses, the byte enable sig-
nals will indicate that all byte lanes are active. Should
some of the bytes not be needed, then the Am79C976
controller will internally discard the extraneous informa-
tion that was gathered during such a read.
The settings of SWSTYLE (BCR20, bits 7-0) affect the
way the Am79C976 controller performs descriptor read
operations.
Because of the order in which the descriptor data must
be read or written when SWSTYLE is set to 0 or 2, all
descriptor read operations are performed in non-burst
mode. See Figure 2222.
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
PAR
DEVSEL is sampled
ADDR
BE
0111
PAR
1
234
5
6
78
9
DATA
PAR
PERR
22929B23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com