Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 96 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 96 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 92Page - Advanced Micro Devices AM79C976 Datasheet HTML 93Page - Advanced Micro Devices AM79C976 Datasheet HTML 94Page - Advanced Micro Devices AM79C976 Datasheet HTML 95Page - Advanced Micro Devices AM79C976 Datasheet HTML 96Page - Advanced Micro Devices AM79C976 Datasheet HTML 97Page - Advanced Micro Devices AM79C976 Datasheet HTML 98Page - Advanced Micro Devices AM79C976 Datasheet HTML 99Page - Advanced Micro Devices AM79C976 Datasheet HTML 100Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 309 page
background image
96
Am79C976
8/01/00
P R E L I M INARY
tests on the external SRAM, internal SRAM access
logic, and the PC board interconnect.
The MBIST controller can determine the size of the ex-
ternal SRAM and verify its operation using the following
procedure:
1. Program SRAM_SIZE to the minimum allowed
value of 4.
2. Write DM_START and DM_FAIL_STOP (write
DATAMBIST bits 63:56 with 0x28). The remainder
of the DATAMBIST register ignores writes so it may
be written with arbitrary data or not written at all.
3. Read
DM_DONE
(DATAMBIST
bit
63)
and
DM_ERROR (DATAMBIST bit 62) until DM_DONE
is set.
4. If DM_ERROR is set, the memory is defective; re-
port the error and exit.
5. Program SRAM_SIZE to the maximum value of
0x8000 and repeat steps 2 and 3.
6. If DM_ERROR is zero, report the current value of
SRAM_SIZE as the SSRAM size.
7. If DM_ERROR is set, program SRAM_SIZE to one-
half the maximum (0x4000) and repeat steps 2
and 3.
8. Repeat, using the binary search algorithm, until the
SRAM size has been determined.
EEPROM Interface
The Am79C976 device includes an interface to an op-
tional 16-bit word-oriented 93Cxx-compatible serial
EEPROM that supports automatic address increment-
ing (sequential read). This EEPROM can be used for
storing initial values for Am79C976 registers. The con-
tents of this EEPROM are automatically loaded into the
selected registers after a reset operation or whenever
the host CPU requests an EEROM read operation.
Note that if the EEPROM is not included in the system,
the MAC address (and Magic Packet information, if
needed) must be initialized by the host CPU.
The Am79C976 device automatically detects the size
of the EEPROM. When the EEPROM decodes a read
command, it drives its DO pin low when the A0 address
bit is written to the DI pin. The Am79C976 device uses
this fact to detect the number of bits in the EEPROM
address and from this determines the EEPROM size.
Data in the EEPROM are interpreted as three-byte
entries that contain register address and register data
so that the system designer can choose which regis-
ters will automatically be loaded. In a typical system,
the EEPROM would be used to initialize the device’s
IEEE 802 physical address, the PCI Subsystem Vendor
ID, LED configuration, SSRAM configuration, and other
hardware configuration information. For compatibility
with older PCnet family software the Address PROM
Space should be loaded from the EEPROM. See the
Address PROM Space section for details.
Only the memory-mapped registers can be loaded
from the EEPROM. While the CSRs and BCRs are not
memory-mapped, all useful bits in the CSRs and BCRs
are aliased into memory-mapped registers so that all
useful bits can be loaded from the EEPROM.
Most of the memory-mapped registers are 32 bits wide
and occupy 4 bytes of memory space each. For exam-
ple, the CMD2 Register is located at offset 50h from the
memory base address. Its least significant 16 bits can
be accessed at offset 50h, and its most significant 16
bits can be accessed at offset 52h. Register data are
loaded from the EEPROM 16 bits at a time, so that the
high order bits of a register are loaded independently
from the low order bits.
The EEPROM Access Register gives the host CPU di-
rect access to the interface pins so that it can read from
or write to the EEPROM.
$XWRPDWLF((3520 5HDG2SHUDWLRQ
After the trailing edge of the RESET signal or after the
PREAD bit in BCR19 is set, the Am79C976 device be-
gins to read data from the EEPROM. Data from the EE-
PROM are interpreted as a string of 3-byte entries.
Each entry contains a 1-byte register address and a
2-byte register data field. The register address field
contains the offset of the target register divided by 2.
The initialization logic writes the contents of the register
data field into the register selected by the register ad-
dress byte.
Since EEPROM data are loaded two bytes at a time,
the least significant bit of the target register offset is
omitted from the address field. Only bits 8:1 are in-
cluded. Therefore, the register address byte contains
the offset of the target register divided by two. For ex-
ample, the Control2 Register (CTRL2) is a 32-bit regis-
ter located at offset 70h (relative to the contents of the
Memory-Mapped I/O Base Address Register). There-
fore, the byte stream 38h, 02h, 05h would cause the
value 0205h to be loaded into bits [15:0] of CTRL2, and
39h, 00h, 03h would cause the value 0003h to be
loaded into bits [31:16] of the same register.
If the value of the address byte is 0FFh, the following
2-byte field is interpreted as a 16-bit CRC code rather
than as register data. The CRC code covers all
EEPROM data up to and including the address byte of
the entry containing the CRC. All EEPROM data after
the CRC code word are ignored.
The CRC code used is CRC-16, which is based on the
generator polynomial x16 + x15 + x2 + 1.
The EEPROM must contain data for an odd number of
registers so that the CRC is aligned on a 16-bit word



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com