Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 11Page - Advanced Micro Devices AM79C976 Datasheet HTML 12Page - Advanced Micro Devices AM79C976 Datasheet HTML 13Page - Advanced Micro Devices AM79C976 Datasheet HTML 14Page - Advanced Micro Devices AM79C976 Datasheet HTML 15Page - Advanced Micro Devices AM79C976 Datasheet HTML 16Page - Advanced Micro Devices AM79C976 Datasheet HTML 17Page - Advanced Micro Devices AM79C976 Datasheet HTML 18Page - Advanced Micro Devices AM79C976 Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 309 page
background image
7/25/00
Am79C976
15
P R E L I M INARY
Table 49:
CTRL3: Control3 Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 144
Table 50:
Software Styles . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 144
Table 51:
DATAMBIST: Memory Built-in Self-Test Access Register . . . . . . . . . . . . 145
Table 52:
DELAYED_INT: Delayed Interrupts Register . . . . . . . . . . . . . . . . . . . . . . 147
Table 53:
EEPROM_ACC: EEPROM Access Register . . . . . . . . . . . . . . . . . . . . . . 148
Table 54:
Interface Pin Assignment . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 149
Table 55:
FLASH_ADDR: Flash Address Register . . . . . . . . . . . . . . . . . . . . . . . . . 150
Table 56:
FLASH_DATA: Flash Data Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150
Table 57:
FLOW: Flow Control Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 151
Table 58:
IFS1: Inter-Frame Spacing Part 1 Register . . . . . . . . . . . . . . . . . . . . . . . 152
Table 59:
INT0: Interrupt0 Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 153
Table 60:
INTEN0: Interrupt0 Enable Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 155
Table 61:
IPG: Inter-Packet Gap Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 157
Table 62:
Logical Address Filter Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 157
Table 63:
LED0 Control Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 158
Table 64:
MAX_LAT_A: PCI Maximum Latency Alias Register . . . . . . . . . . . . . . . . 160
Table 65:
MIN_GNT_A: PCI Minimum Grant Alias Register . . . . . . . . . . . . . . . . . . 160
Table 66:
PADR: Physical Address Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 161
Table 67:
PAUSE_CNT: Pause Count Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . 161
Table 68:
PCIDATA0: PCI DATA Register Zero Alias Register . . . . . . . . . . . . . . . . 161
Table 69:
PHY_ACCESS: PHY Access Register . . . . . . . . . . . . . . . . . . . . . . . . . . . 163
Table 70:
PMAT0: OnNow Pattern Register 0 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 164
Table 71:
PMAT1: OnNow Pattern Register 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 164
Table 72:
Receive Protect Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 165
Table 73:
RCV_RING_LEN: Receive Ring Length Register . . . . . . . . . . . . . . . . . . 165
Table 74:
ROM_CFG: ROM Base Address Configuration Register . . . . . . . . . . . . . 166
Table 75:
SID_A: PCI Subsystem ID Alias Register . . . . . . . . . . . . . . . . . . . . . . . . . 166
Table 76:
SRAM Boundary Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 167
Table 77:
SRAM Size Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 167
Table 78:
STAT0: Status0 Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 168
Table 79:
Software Timer Value Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 169
Table 80:
SVID: PCI Subsystem Vendor ID Shadow Register . . . . . . . . . . . . . . . . . 170
Table 81:
TEST0: Test Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 170
Table 82:
VID_A: PCI Vendor ID Alias Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . 171
Table 83:
XMT_RING_LEN: Transmit Ring Length Register . . . . . . . . . . . . . . . . . . 171
Table 84:
XMTPOLLTIME: Transmit Polling Interval Register . . . . . . . . . . . . . . . . . 172
Table 85:
Software Styles . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 190
Table 86:
Receive Watermark Programming . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 192
Table 87:
Transmit Start Point Programming . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 192
Table 88:
Transmit Watermark Programming . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 192
Table 89:
BCR Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 197
Table 90:
EEDET Setting . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 211
Table 91:
Interface Pin Assignment . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 211
Table 92:
Software Styles . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 214
Table 93:
SRAM_BND Programming . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 216
Table 94:
FMDC Values . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 218
Table 95:
APDW Values . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 218
Table 96:
Initialization Block (SSIZE32 = 0) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 225
Table 97:
Initialization Block (SSIZE32 = 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 225



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com