Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 40 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 40 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 36Page - Advanced Micro Devices AM79C976 Datasheet HTML 37Page - Advanced Micro Devices AM79C976 Datasheet HTML 38Page - Advanced Micro Devices AM79C976 Datasheet HTML 39Page - Advanced Micro Devices AM79C976 Datasheet HTML 40Page - Advanced Micro Devices AM79C976 Datasheet HTML 41Page - Advanced Micro Devices AM79C976 Datasheet HTML 42Page - Advanced Micro Devices AM79C976 Datasheet HTML 43Page - Advanced Micro Devices AM79C976 Datasheet HTML 44Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 309 page
background image
40
Am79C976
8/01/00
P R E L I M INARY
)LJXUH 6ODYH&\FOH'DWD 3DULW\ (UURU5HVSRQVH
Master Bus Interface Unit
The master Bus Interface Unit (BIU) controls the acqui-
sition of the PCI bus and all accesses to the initializa-
tion block, descriptor rings, and the receive and
transmit buffer memory. Table 3 shows the usage of
PCI commands by the Am79C976 controller in master
mode.
%XV$FTXLVLWLRQ
The Am79C976 logic will determine when a DMA
transfer should be initiated. The first step in any
Am79C976 bus master transfer is to acquire ownership
of the bus. This task is handled by synchronous logic
within the BIU. Bus ownership is requested with the
REQ signal and ownership is granted by the arbiter
through the GNT signal.
Figure 10 shows the Am79C976 controller bus acquisi-
tion. REQ is asserted and the arbiter returns GNT while
an othe r bu s m a s t e r i s tran sfer r i ng dat a. T h e
Am79C976 controller waits until the bus is idle (FRAME
and IRDY deasserted) before it starts driving AD[31:0]
and C/BE[3:0] on clock 5. FRAME is asserted at clock
5 indicating a valid address and command on AD[31:0]
and C/BE[3:0]. REQ is deasserted at the same time
that FRAME is asserted. The Am79C976 controller
does not use address stepping which is reflected by
ADSTEP (bit 7) in the PCI Command register being
hardwired to 0.
%XV0DVWHU '0$ 7UDQVIHUV
There are four primary types of DMA transfers. The
Am79C976 controller uses non-burst as well as burst
cycles for read and write access to the main memory.
%DVLF1RQ%XUVW 5HDG7UDQVIHU
The Am79C976 controller uses non-burst cycles to ac-
cess descriptors when SWSTYLE (BCR20, bits 7-0) is
0 or 2. All Am79C976 controller non-burst read ac-
cesses are of the PCI command type Memory Read
(type 6). Note that during a non-burst read operation,
all byte lanes will always be active. The Am79C976
controller will internally discard unneeded bytes.
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
PAR
ADDR
CMD
PAR
1
2345678
10
9
DATA
PAR
BE
PERR
22929B11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com