Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 94 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 94 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 90Page - Advanced Micro Devices AM79C976 Datasheet HTML 91Page - Advanced Micro Devices AM79C976 Datasheet HTML 92Page - Advanced Micro Devices AM79C976 Datasheet HTML 93Page - Advanced Micro Devices AM79C976 Datasheet HTML 94Page - Advanced Micro Devices AM79C976 Datasheet HTML 95Page - Advanced Micro Devices AM79C976 Datasheet HTML 96Page - Advanced Micro Devices AM79C976 Datasheet HTML 97Page - Advanced Micro Devices AM79C976 Datasheet HTML 98Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 309 page
background image
94
Am79C976
8/01/00
P R E L I M INARY
BASE can be programmed to 0 or 1 through PCI con-
figuration space accesses to ROMBASE.
Bit 0 of ROM_CFG controls bit 0 of ROMBASE. If bit 0
of ROM_CFG is 0, the host CPU cannot write to bit 0 of
ROMBASE. This bit is the address decode enable bit.
When this bit is fixed at 0, it will appear to the host CPU
that the ROM Base Address Register and, therefore,
the expansion ROM does not exist.
If bit 0 of ROM_CFG is set to 1, the host CPU is able to
read and write bit 0 of ROMBASE.
As an example, if the Expansion ROM occupies 216
(65536) bytes, bits 15:9 of ROMBASE should be fixed
at 0. Since bits 15:9 of ROMBASE are controlled by bits
7:1 of ROM_CFG, bits 7:1 of ROM_CFG should be
cleared to 0 and bits 15:8 should be set to 1. To make
ROMBASE accessible to the host CPU, bit 0 of
ROM_CFG should be set to 1. Therefore, ROM_CFG
should be set to FF01h. If the host CPU writes all 1s to
the ROMBASE register and then reads back the con-
tents of ROMBASE, the result would be FFFF0001h.
After the host CPU has written to the Expansion ROM
Base Address Register in PCI configuration space to
map the ROM into PCI memory space and to enable
accesses to the ROM, the address output to the Expan-
sion ROM will be the offset from the address on the PCI
bus to ROMBASE.
The Am79C976 controller aliases all accesses to the
Expansion ROM of the command types Memory Read
Multiple and Memory Read Line to the basic Memory
Read command.
Since setting MEMEN also enables memory mapped
access to the I/O resources, attention must be given to
the PCI Memory Mapped I/O Base Address register,
before enabling access to the Expansion ROM. The
host must set the PCI Memory Mapped I/O Base Ad-
dress register to a value that prevents the Am79C976
controller from claiming any memory cycles not in-
tended for it.
During the boot procedure, the system will try to find an
Expansion ROM. A PCI system assumes that an Ex-
pansion ROM is present when it reads the ROM signa-
ture 55h (byte 0) and AAh (byte 1).
'LUHFW)ODVK $FFHVV
In addition to mapping the Flash memory into PCI ad-
dress space, the Am79C976 controller provides an in-
direct read/write data path for programming the Flash
memory. The Flash is accessed by first writing the
memory address to the Flash Address Register, and
then reading or writing the Flash Data Register.
For software compatibility with older PCnet devices, the
Flash device can also be accessed by a read or write
to the Expansion Bus Data port (BCR30). The user
must load the upper address EPADDRU (BCR 29, bits
3-0). EPADDRU is not needed if the Flash size is 64K
or less, but still must be programmed. The user will
then load the lower 16 bits of address, EPADDRL (BCR
28, bits 15-0).
)ODVK(3520 5HDG
A read to the Flash Data Register will start a read cycle
on the External Memory Interface. The Am79C976
controller will drive ERD[11:8] with the 4 most signifi-
cant address bits at the same time that it drives
ERA[19:0] with the 20 least significant bits.
The FLCS pin is driven low for the value ROMTMG + 1.
Figure 38 assumes that ROMTMG is set to nine.
ERD[7:0] is sampled with the next rising edge of CLK
ten clock cycles after ERA[19:0] was driven with a new
address value. This PCI slave access to the Flash/
EPROM will result in a retry for the very first access.
Subsequent accesses may give a retry or not, depend-
ing on whether or not the data is present and valid. The
access time is dependent on the ROMTMG bits
(CTRL0, bits 11-8, or BCR18, bits 15-12) and can be
tuned for the particular memory device used.
This access mechanism using BCR28, 29, and 30 dif-
fers from the Expansion ROM access mechanism
since only one byte is read in this manner, instead of
the 4 bytes in an Expansion ROM access.
If the Lower Address Auto Increment (LAAINC) bit
(FLASH_ADDR, bit 31 or BCR29, bit 14) is set, the
EBADDRL address will be incremented and a continu-
ous series of reads from the Expansion Data Port
(FLASH_DATA or EBDATA, BCR30) is possible. The
upper address field, EBADDRU, is not automatically
incremented when the lower address field, EBADDRL
rolls over.
The Flash write procedure is almost identical to the
read access, except that the Am79C976 controller will
not drive FLOE low. The FLCS and FLWE signals are
driven low for the value ROMTMG again. The write to
the FLASH port is a posted write and will not result in a
retry to the PCI, unless the host tries to write a new
value before the previous write is complete. Then the
host will experience a retry. See Figure 3939.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com