Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 9Page - Advanced Micro Devices AM79C976 Datasheet HTML 10Page - Advanced Micro Devices AM79C976 Datasheet HTML 11Page - Advanced Micro Devices AM79C976 Datasheet HTML 12Page - Advanced Micro Devices AM79C976 Datasheet HTML 13Page - Advanced Micro Devices AM79C976 Datasheet HTML 14Page - Advanced Micro Devices AM79C976 Datasheet HTML 15Page - Advanced Micro Devices AM79C976 Datasheet HTML 16Page - Advanced Micro Devices AM79C976 Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 309 page
background image
7/25/00
Am79C976
13
P R E L I M INARY
Figure 49:
CLK Waveform for 5 V Signaling . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 272
Figure 50:
CLK Waveform for 3.3 V Signaling . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 272
Figure 51:
Input Setup and Hold Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 272
Figure 52:
Output Valid Delay Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 273
Figure 53:
Output Tri-State Delay Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 273
Figure 54:
EEPROM Read Functional Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 274
Figure 55:
Automatic PREAD EEPROM Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . 275
Figure 56:
JTAG (IEEE 1149.1) TCK Waveform for 5 V Signaling . . . . . . . . . . . . . . 276
Figure 57:
JTAG (IEEE 1149.1) Test Signal Timing . . . . . . . . . . . . . . . . . . . . . . . . . 277
Figure 58:
Transmit Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 279
Figure 59:
Receive Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 279
Figure 60:
MDC Waveform . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 279
Figure 61:
Management Data Setup and Hold Timing . . . . . . . . . . . . . . . . . . . . . . . 280
Figure 62:
Management Data Output Valid Delay Timing . . . . . . . . . . . . . . . . . . . . . 280
Figure 63:
Reject Timing - External PHY MII @ 25 MHz . . . . . . . . . . . . . . . . . . . . . 281
Figure 64:
Reject Timing - External PHY MII @ 2.5 MHz . . . . . . . . . . . . . . . . . . . . . 282
Figure 65:
Receive Frame Tag Timing with Media Independent Interface . . . . . . . . 283
Figure 66:
External Memory Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 284
Figure A-1: LAPP Timeline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . A-4
Figure A-2: LAPP 3 Buffer Grouping . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . A-5
Figure A-3: LAPP Timeline for Two-Interrupt Method . . . . . . . . . . . . . . . . . . . . . . . . . A-9
Figure A-4: LAPP 3 Buffer Grouping for Two-Interrupt Method . . . . . . . . . . . . . . . . A-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com