Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 44 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 44 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 40Page - Advanced Micro Devices AM79C976 Datasheet HTML 41Page - Advanced Micro Devices AM79C976 Datasheet HTML 42Page - Advanced Micro Devices AM79C976 Datasheet HTML 43Page - Advanced Micro Devices AM79C976 Datasheet HTML 44Page - Advanced Micro Devices AM79C976 Datasheet HTML 45Page - Advanced Micro Devices AM79C976 Datasheet HTML 46Page - Advanced Micro Devices AM79C976 Datasheet HTML 47Page - Advanced Micro Devices AM79C976 Datasheet HTML 48Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 309 page
background image
44
Am79C976
8/01/00
P R E L I M INARY
)LJXUH1RQ%XUVW:ULWH 7UDQVIHU
%DVLF%XUVW:ULWH 7UDQVIHU
The Am79C976 controller supports burst mode for all
bus master write operations. To allow burst transfers in
descriptor write operations, the Am79C976 controller
must be programmed to use SWSTYLE 3, 4, or 5
(BCR20, bits 7-0).
The controller uses the following rules to determine
whether to use the PCI Memory Write (MW) command
or the Memory Write and Invalidate (MWI) command
for burst write transfers.
— When a transfer starts on a cache line boundary,
and there is at least a cache line of data to trans-
fer, use MWI.
— When a transfer does not start on a cache line
boundary, use MW. (The external PCI bridge
should stop the transfer at the cache line bound-
ary if it can make good use of the MWI com-
mand.)
— Stop the MWI transfer at a cache line boundary
if there is less than 1 cache line of data left to
transfer.
The Receive FIFO threshold should be greater than or
equal to the cache line size to maximize the use of the
MWI command. If the PCI bridge stops a transfer, the
Am79C976 device waits until the FIFO threshold con-
ditions are met before resuming the transfer.
During the address phase of a burst write transfer
AD[1:0] will both be 0 indicating a linear burst order.
The byte enable signals indicate which byte lanes have
valid data.
The Am79C976 controller will always perform a single
burst write transaction per bus mastership period,
where transaction is defined as one address phase and
one or multiple data phases. The Am79C976 controller
supports zero wait state write cycles when using the
Memory Write command. When using Memory Write
and Invalidate commands, the device may insert IRDY
wait states anywhere in the transaction.
The device asserts IRDY immediately after the address
phase and at the same time starts sampling DEVSEL.
FRAME is deasserted when the next-to-last data
phase is completed.
Figure 14 shows a typical burst write access. The
Am79C976 controller arbitrates for the bus, is granted
access, and writes four 32-bit words (DWords) to the
system memory and then releases the bus. In this ex-
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
REQ
GNT
PAR
DEVSEL is sampled
ADDR
0111
PAR
1
2345678
10
9
DATA
ADDR
DATA
PAR
PAR
PAR
BE
0111
BE
22929B15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com