Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 86 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 86 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 82Page - Advanced Micro Devices AM79C976 Datasheet HTML 83Page - Advanced Micro Devices AM79C976 Datasheet HTML 84Page - Advanced Micro Devices AM79C976 Datasheet HTML 85Page - Advanced Micro Devices AM79C976 Datasheet HTML 86Page - Advanced Micro Devices AM79C976 Datasheet HTML 87Page - Advanced Micro Devices AM79C976 Datasheet HTML 88Page - Advanced Micro Devices AM79C976 Datasheet HTML 89Page - Advanced Micro Devices AM79C976 Datasheet HTML 90Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 309 page
background image
86
Am79C976
8/01/00
P R E L I M INARY
To control the auto-negotiation process, the Network
Port Manager generates MII Management Frames to
execute the procedure described below. (See Appen-
dix B, MII Management Registers, for the MII register
bit descriptions.)
The Network Port Manager is held in the IDLE state
while H_RESET is asserted, while the EEPROM is
being read and while the DISPM bit is set. When none
of these conditions are true, the Network Port Manager
proceeds through the following steps:
1. If XPHYRST is set, write to the PHY’s Control Reg-
ister (R0) to set the Soft Reset bit and cause the
PHY to reset. The Network Port Manager then peri-
odically reads the PHY’s Control Register (R0) until
the reset is complete.
2. If XPHYRST is not set or after the PHY reset is com-
plete, the PHY’s Status Register (R1) is read.
3. If the PHY’s Auto-Negotiation Ability bit (R1, bit 3) is
0 or if the XPHYANE bit in the Control2 Register is
0, write to the PHY’s Control Register (R0) to dis-
able auto-negotiation and set the speed and duplex
mode to the values specified by the XPHYSP and
XPHYFD bits in the Control2 Register “and”ed with
the appropriate bits from the PHY's Technology
Ability Field. Then proceed to step 8.
4. Otherwise write to the Auto-Negotiation Advertise-
ment Register (R4). Bits A0 to A5 of Technology
Ability field of R4 are taken from bits 15 to 11 in R1.
Bit A6 of the Technology Ability field indicates the
MAC's ability to respond to MAC Control Pause
frames. This bit is set equal to the value of the Ne-
gotiate Pause Ability (NPA) bit in the Flow Control
Register. The Next Page, Acknowledge, and Re-
mote Fault bits are set to 0, and the Selector Field
is set to 00001 to indicate IEEE Std 802.3.
5. Write to the Control Register (R0) to restart Auto-
negotiation.
6. Poll R1 until the Auto-Negotiation Complete bit is
set to 1.
7. Read the Auto-Negotiation Link Partner Ability Reg-
ister (R5). Set the MAC's speed, duplex mode, and
pause ability to the highest priority mode that is
common to both PHY devices.
8. Poll R1 until the Link Status bit is 1. If Link Status is
not found to be 1 after two polls at 900 ms intervals,
go back to step 1.
9. Poll R1 at intervals of about 900 ms until the Link
Status bit is 0. Go to step 8.
When Auto-Negotiation is complete, the Network Port
Manager examines the MF Preamble Suppression bit
in PHY register 1. If this bit is set, the Network Port
Manager suppresses preambles on all frames that it
sends until one of the following events occurs:
s
$ 6RIWZDUHRU KDUGZDUH UHVHWRFFXUV
s
7KH ',630ELW LQ &0'ELW5HJLVWHU LV VHW
s
0DQDJHPHQWIUDPH UHDGHUURURFFXUV
s
7KH H[WHUQDO 3+< LV GLVFRQQHFWHG
A complete bit description of the MII and Auto-
Negotiation registers can be found in Appendix B.
The Network Port Manager is not disabled when the
MDIO pin is held low when the MII Management Inter-
face is idle. If no PHY is connected, reads of the exter-
nal PHY's registers will result in read errors, causing
the MREINT interrupt to be asserted.
$XWR1HJRWLDWLRQ :LWK0XOWLSOH3+< 'HYLFHV
The MII Management Interface (MDC and MDIO) can
be used to manage more than one external PHY de-
vice. The external PHY devices may or may not be con-
nected to the Am79C976 controller’s MII bus. For
example, two PHY devices can be connected to the
Am79C976 controller’s MII bus so that the MAC can
communicate over either a twisted-pair cable or a fiber-
optic link. Conversely, several Am79C976 controllers
may share a single integrated circuit that contains sev-
eral PHY devices with separate MII busses but with
only one MII Management bus. In this case, the MII
Management Interface of one Am79C976 controller
could be used to manage PHY devices connected to
different Am79C976 controllers.
If more than one PHY device is connected to the MII
bus, only one PHY device is allowed to be enabled at
any one time. Since the Network Port Manager can not
detect the presence of more than one PHY on the MII
bus, the host CPU is responsible for making sure that
only one PHY is enabled. The host CPU can use the
PHY Access Register to set the Isolate bit in the Con-
trol Register (Register 0, bit 10) of any PHY that needs
to be disabled.
2SHUDWLRQ:LWKRXW00, 0DQDJHPHQW,QWHUIDFH
The Port Manager normally sets up the speed, duplex
mode, and flow control (pause) ability of the MAC
based on the results of auto-negotiation. However, it is
possible to operate the Am79C976 device with no MII
Management Interface connection, in which case the
Port Manager is not able to start the auto-negotiation
process or set up the MAC-based on auto-negotiation
results. This may happen if the Am79C976 controller is
connected to a multi-PHY device that has only one MII
Management Interface that is shared among several
PHYs.
If the Am79C976 controller is operating without a MII
Management Interface connection to its external PHY,
the host CPU can force the MAC into the desired state
by setting the DISPM bit in CMD3 Register to 1 to dis-
able the Port Manager, then writing to the following bits:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com