Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 66 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 66 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 62Page - Advanced Micro Devices AM79C976 Datasheet HTML 63Page - Advanced Micro Devices AM79C976 Datasheet HTML 64Page - Advanced Micro Devices AM79C976 Datasheet HTML 65Page - Advanced Micro Devices AM79C976 Datasheet HTML 66Page - Advanced Micro Devices AM79C976 Datasheet HTML 67Page - Advanced Micro Devices AM79C976 Datasheet HTML 68Page - Advanced Micro Devices AM79C976 Datasheet HTML 69Page - Advanced Micro Devices AM79C976 Datasheet HTML 70Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 309 page
background image
66
Am79C976
8/01/00
P R E L I M INARY
will stop advancing through the ring entries and begin
periodic polling of this entry. When the STP bit is found
to be true, and the descriptor that contains this setting
is owned by the Am79C976 controller, then the
Am79C976 controller will stop advancing through the
ring entries, store the descriptor information that it has
just read, and wait for the next receive to arrive.
This behavior allows the host software to pre-assign
buffer space in such a manner that the header portion
of a receive packet will always be written to a particular
memory area, and the data portion of a receive packet
will always be written to a separate memory area. The
interrupt is generated when the header bytes have
been written to the header memory area.
Software Interrupt Timer
The Am79C976 controller is equipped with a software
programmable free-running interrupt timer. The timer is
constantly running and will generate an interrupt STINT
(CSR 7, bit 11) when STINITE (CSR 7, bit 10) is set to
1. After generating the interrupt, the software timer will
load the value stored in STVAL and restart. The timer
value STVAL (BCR31, bits 15-0) is interpreted as an
unsigned number with a resolution of 10.24µs. For in-
stance, a value of 98 (62h) corresponds to 1.0 ms. The
default value of STVAL is FFFFh which corresponds to
0.671 seconds. A write to STVAL restarts the timer with
the new contents of STVAL.
Media Access Control
The Media Access Control (MAC) engine incorporates
the essential protocol requirements for operation of an
Ethernet/IEEE 802.3-compliant node and provides the
interface between the FIFO subsystem and the MII.
This section describes operation of the MAC engine
when operating in half-duplex mode. The operation of
the device in full-duplex mode is described in the sec-
tion titled Full-Duplex Operation.
The MAC engine is fully compliant to Section 4 of IEEE
Std 802.3, 1998 Edition.
The MAC engine provides programmable enhanced
features designed to minimize host supervision, bus
utilization, and pre- or post-message processing.
These features include the ability to disable retries after
a collision, dynamic FCS generation on a frame-by-
frame basis, automatic pad field insertion and deletion
to enforce minimum frame size attributes, automatic re-
transmission without reloading the FIFO, and auto-
matic deletion of collision fragments. The MAC also
provides a mechanism for automatically inserting, de-
leting, and modifying IEEE 802.3ac VLAN tags.
The two primary attributes of the MAC engine are:
s
7UDQVPLWDQG UHFHLYH PHVVDJH GDWD HQFDSVXODWLRQ
— Framing (frame boundary delimitation, frame
synchronization)
— Addressing (source and destination address
handling)
— Error detection (physical medium transmission
errors)
s Media access management
— Medium allocation (collision avoidance, except
in full-duplex operation)
— Contention resolution (collision handling, except
in full-duplex operation)
7UDQVPLW DQG 5HFHLYH 0HVVDJH 'DWD (QFDSVXODWLRQ
The MAC engine provides minimum frame size en-
forcement for transmit and receive frames. When
APAD_XMT (CSR4, bit 11) is set to 1, transmit mes-
sages will be padded with sufficient bytes (containing
00h) to ensure that the receiving station will observe an
information field (destination address, source address,
length/type, data, and FCS) of 64 bytes. When
ASTRP_RCV (CSR4, bit 10) is set to 1, the receiver will
automatically strip pad bytes from the received mes-
sage by observing the value in the length field and by
stripping excess bytes if this value is below the mini-
mum data size (46 bytes). Both features can be inde-
pendently over-ridden to allow illegally short (less than
64 bytes of frame data) messages to be transmitted
and/or received. The use of this feature reduces bus
utilization because the pad bytes are not transferred
into or out of main memory.
)UDPLQJ
The MAC engine will autonomously handle the con-
struction of the transmit frame. Once the transmit FIFO
has been filled to the predetermined threshold (set by
XMTSP in CSR80) and access to the channel is cur-
rently permitted, the MAC engine will commence the
7-byte preamble sequence (10101010b, where first bit
transmitted is a 1). The MAC engine will subsequently
append the Star t Frame De limiter (SFD ) byte
(10101011b) followed by the serialized data from the
transmit FIFO. Once the data has been transmitted, the
MAC engine will append the FCS (most significant bit
first) which was computed on the entire data portion of
the frame. The data portion of the frame consists of
destination address, source address, length/type, and
frame data. The user is responsible for the correct or-
dering and content in each of these fields in the frame.
The MAC does not use the content in the length/type
field unless APAD_XMT (CSR4, bit 11) is set and the
data portion of the frame is shorter than 60 bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com