Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 64 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 64 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 60Page - Advanced Micro Devices AM79C976 Datasheet HTML 61Page - Advanced Micro Devices AM79C976 Datasheet HTML 62Page - Advanced Micro Devices AM79C976 Datasheet HTML 63Page - Advanced Micro Devices AM79C976 Datasheet HTML 64Page - Advanced Micro Devices AM79C976 Datasheet HTML 65Page - Advanced Micro Devices AM79C976 Datasheet HTML 66Page - Advanced Micro Devices AM79C976 Datasheet HTML 67Page - Advanced Micro Devices AM79C976 Datasheet HTML 68Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 309 page
background image
64
Am79C976
8/01/00
P R E L I M INARY
Receive descriptor polling will continue even if transmit
polling is disabled by setting TXDPOLL. If at least two
receive descriptors are owned by the Am79C976 con-
troller there will be no descriptor polling if there is no
network activity.
The user may change the poll time value from the de-
fault value by modifying the value in the Transmit Poll-
ing Interval register (CSR47). The default value is
0000h, which corresponds to a polling interval of
65,536 X 3 ERCLK clock periods or 2.185 ms when
ERCLK = 90 MHz.
When the Am79C976 controller is in the process of re-
ceiving a frame and it does not own the next descriptor
or if it is in the process of transmitting a frame that does
not end in the current descriptor and it does not own the
next descriptor, it switches to the chain polling mode in
which the polling interval is determined by the Chain
Polling Interval register (CSR49). Thus, the device can
be programmed to poll at a faster rate when it is about
to run out of buffers.
7UDQVPLW3ROOLQJ
If, after a transmit descriptor access, the Am79C976
controller finds that the OWN bit of that descriptor is not
set, the Am79C976 controller resumes the poll time
count and re-examines the same descriptor at the next
expiration of the poll time count.
If the OWN bit of the descriptor is set, but the Start of
Packet (STP) bit is not set, the Am79C976 controller
will immediately request the bus in order to clear the
OWN bit of this descriptor. After resetting the OWN bit
of this descriptor, the Am79C976 controller will again
immediately request the bus in order to access the next
descriptor in the ring.
If the OWN bit is set and the buffer length is 0, the OWN
bit will be cleared. The Am79C976 controller skips buff-
ers with length of 0, which differs from the C-LANCE
device, which interprets a buffer length of 0 to mean a
4096-byte buffer. For the Am79C976 device a zero
length buffer is acceptable anywhere in the buffer
chain.
If the OWN bit and STP are set, the DMA controller will
start reading data from the current transmit buffer. If the
next transmit descriptor is not already known to be
owned, the Am79C976 controller will interleave a read
of this descriptor into the sequence of data DMA oper-
ations.
If the next transmit descriptor has the OWN bit set, the
Am79C976 controller will complete reading the data
from the current transmit buffer, clear the OWN bit in
the current descriptor and advance the internal ring
pointer to make the next transmit descriptor the new
current transmit descriptor.
The Am79C976 controller returns ownership of trans-
mit descriptors to the software when the DMA transfer
of data from system memory to the Am79C976 control-
ler’s memory is complete. This is different from older
devices in the PCnet family, which will not return the
last transmit descriptor of a frame (the one with
ENP=1) until transmission of the frame is complete.
The Am79C976 controller does not return any status
information in the transmit descriptor, it will only write to
the OWN bit to clear it.
Normally, the driver will set all the OWN bits of a frame
in reverse order so that the Am79C976 controller will
never encounter the situation where the current trans-
mit descriptor has OWN=1 and ENP=0 and the next
transmit descriptor has OWN=0. Older devices in the
PCnet family treat this condition as a fatal error. The
Am79C976 controller allows this mode of operation to
permit DMA of the beginning of a frame before pro-
cessing of the entire frame is complete. The number of
bytes in the first buffer(s) should be less than the trans-
mit start point or the REX_UFLO bit in CMD3 should be
set.
When the Am79C976 controller encounters the condi-
tion of the current transmit descriptor’s OWN=1 and
ENP=0 and the next transmit descriptor’s OWN=0, it
enters the chain polling mode. In this mode, polling of
the descriptor will occur at intervals determined by the
Chain Polling Interval register (CSR49). Setting the
TDMD bit will also cause a poll. Chain polling may be
disabled by setting the CHDPOLL bit in CSR7 or
CMD2. Note that this will also disable chain polling for
receive descriptors.
If underflow occurs due to delays in setting the OWN
bits or excessive bus latency, the transmitter will ap-
pend an inverted FCS field to the frame and will incre-
ment the XmtUnderrunPkts counter. The frame may be
retransmitted (if the REX_UFLO bit in CMD3 is set) or
discarded.
If an error occurs in the transmission that causes the
frame to be discarded (late collision, underflow or retry
failure with the corresponding retry or retransmit option
not enabled) before the entire frame has been trans-
ferred or if the current transmit descriptor has its KILL
bit set, and if current transmit descriptor does not have
its ENP bit set, the Am79C976 controller will skip over
the rest of the frame which experienced the error. The
Am79C976 controller will clear the OWN bit for all de-
scriptors with OWN = 1 and STP = 0 and continue in
like manner until a descriptor with OWN = 0 (no more
transmit frames in the ring) or OWN = 1 and STP = 1
(the first buffer of a new frame) is reached.
At the end of any transmit operation, whether success-
ful or with errors, the Am79C976 controller will always
perform another polling operation, unless the next
transmit descriptor is already known to be owned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com