Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 60 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 60 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 56Page - Advanced Micro Devices AM79C976 Datasheet HTML 57Page - Advanced Micro Devices AM79C976 Datasheet HTML 58Page - Advanced Micro Devices AM79C976 Datasheet HTML 59Page - Advanced Micro Devices AM79C976 Datasheet HTML 60Page - Advanced Micro Devices AM79C976 Datasheet HTML 61Page - Advanced Micro Devices AM79C976 Datasheet HTML 62Page - Advanced Micro Devices AM79C976 Datasheet HTML 63Page - Advanced Micro Devices AM79C976 Datasheet HTML 64Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 309 page
background image
60
Am79C976
8/01/00
P R E L I M INARY
5H,QLWLDOL]DWLRQ
Earlier members of the PCnet family of controllers had
to be re-initialized if the transmitter and/or the receiver
were not turned on during the original initialization, and
it was subsequently required to activate them, or if ei-
ther section was shut off due to the detection of a mem-
ory error, transmitter underflow, or transmit buffer error
condition. This restriction does not apply to the
Am79C976 device. The memory error and transmit
buffer error conditions cannot occur in the Am79C976
controller and the transmit underflow condition does
not stop the Am79C976 controller’s transmitter.
For compatibility with other PCnet family devices, re-
initialization may be done via the initialization block or
by setting the STOP bit in CSR0, followed by writing to
CSR15, and then setting the STRT bit in CSR0. Note
that this form of restart will not perform the same in the
Am79C976 controller as in the C-LANCE device. In
particular, setting the STRT bit causes the Am79C976
controller to reload the transmit and receive descriptor
pointers with their respective base addresses. This
means that the software must clear the descriptor
OWN bits and reset its descriptor ring pointers before
restarting the Am79C976 controller. The reload of de-
scriptor base addresses is performed in the C-LANCE
device only after initialization, so that a restart of the
C-LANCE without initialization leaves the C-LANCE
pointing at the same descriptor locations as before the
restart.
5XQDQG6XVSHQG
Following reset, the transmitter and receiver of the
Am79C976 controller are disabled, so no descriptor or
data DMA activity will occur. The receiver will process
incoming frames to detect address matches, which are
counted in the RcvMissPkts register. No transmits will
occur except that pause frames may be sent (see flow
control section).
Setting the RUN bit in CMD0 (equivalent to setting
STRT in CSR0) causes the Am79C976 controller to
begin descriptor polling and normal transmit and re-
ceive activity. Clearing the RUN bit (equivalent to set-
ting STOP in CSR0) causes the Am79C976 controller
to halt all transmit, receive, and DMA transfer activities
abruptly.
The Am79C976 controller offers suspend modes that
allow stopping the device with orderly termination of all
network activity. Transmit and receive are controlled
separately.
Setting the RX_FAST_SPND bit in CMD0 suspends re-
ceiver activity after the current frame being received by
the MAC is complete. If no frame is being received
when RX_FAST_SPND is set, the receiver is sus-
pended immediately. After the receiver is suspended,
the RX_SUSPENDED bit in STAT0 is set and SPND-
INT interrupt bit in INT0 is set. Receive data and de-
scriptor DMA activity continues normally while the
receiver is fast suspended.
Setting the RX_SPND bit in CMD0 suspends the re-
ceiver in the same way as RX_FAST_SPND, but the
RX_SUSPENED bit and SPNDINT interrupt bit are
only set after any frames in the receive FIFO have been
completely transferred into system memory and the
corresponding descriptors updated. No receive data or
descriptor DMA activity will occur while the receiver is
suspended.
When the receiver is suspended, no frames will be re-
ceived into the receive FIFO, but frames will be
checked for address match and the RcvMissPkts
counter incremented appropriately, and frames will be
checked for Magic Packet match if Magic Packet mode
is enabled.
Setting the TX_FAST_SPND bit in CMD0 suspends
transmitter activity after the current frame being trans-
mitted by the MAC is complete. If no frame is being
transmitted when TX_FAST_SPND is set, the transmit-
ter is suspended immediately. After the transmitter is
suspended, the TX_SUSPENDED bit in STAT0 is set
and SPNDINT interrupt bit in INT0 is set. Transmit de-
scriptor and data DMA activity continues normally
while the transmitter is fast suspended.
Setting the TX_SPND bit in CMD0 suspends the trans-
mitter in the same way as TX_FAST_SPND, but the
TX_SUSPENDED bit and SPNDINT interrupt bit are
only set after any frames in the transmit FIFO have
been completely transmitted. No transmit descriptor or
data DMA activity will occur while the transmitter is sus-
pended.
When the transmitter is suspended, no frames will be
transmitted except for flow control frames (see Flow
Control section).
It is not meaningful to set both TX_SPND and
TX_FAST_SPND at the same time, nor is it meaningful
to set both RX_SPND and RX_FAST_SPND at the
same time. Doing so will cause unpredictable results.
However, transmit and receive are independent of each
other, so one may be suspended or fast suspended
while the other is running, suspended or fast sus-
pended.
For compatibility with other PCnet family devices, set-
ting the SPND bit in CSR5 with FASTSPNDE in CSR7
cleared is equivalent to setting both TX_SPND and
RX_SPND and clearing SPND with FASTSPNDE
cleared is equivalent to clearing both TX_SPND and
RX_SPND. Similarly, setting SPND with FASTSPNDE
set is equivalent to setting both TX_FAST_SPND and
R X _FAST _SPN D an d clear ing SPND w i th
FASTSPNDE set is equivalent to clearing both
TX_FAST_SPND and RX_FAST_SPND. While equiva-
lent, these methods are not identical, so software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com