Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 99 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 99 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 95Page - Advanced Micro Devices AM79C976 Datasheet HTML 96Page - Advanced Micro Devices AM79C976 Datasheet HTML 97Page - Advanced Micro Devices AM79C976 Datasheet HTML 98Page - Advanced Micro Devices AM79C976 Datasheet HTML 99Page - Advanced Micro Devices AM79C976 Datasheet HTML 100Page - Advanced Micro Devices AM79C976 Datasheet HTML 101Page - Advanced Micro Devices AM79C976 Datasheet HTML 102Page - Advanced Micro Devices AM79C976 Datasheet HTML 103Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 309 page
background image
8/01/00
Am79C976
99
P R E L I M INARY
Status, Receive Match, Receive Status, Magic Packet,
Transmit Status, and Start Frame/Byte Delimiter.
The LED pins can be configured to operate in either
open-drain mode (active low) or in totem-pole mode
(active high). The output can be stretched to allow the
human eye to recognize even short events that last only
several microseconds. After H_RESET, the four LED
outputs are configured as shown in Table 16.
For each LED register, each of the status signals is
AND’d with its enable signal, and these signals are all
OR’d together to form a combined status signal. Each
LED pin combined status signal can be programmed to
run to a pulse stretcher, which consists of a 3-bit shift
register clocked at 38 Hz (26 ms). The data input of
each shift register is normally at logic 0. The OR gate
output for each LED register asynchronously sets all
three bits of its shift register when the output becomes
asserted. The inverted output of each shift register is
used to control an LED pin. Thus, the pulse stretcher
provides 2 to 3 clocks of stretched LED output, or 52
ms to 78 ms. See Figure 4343.
B
)LJXUH /('&RQWURO/RJLF
Power Savings Mode
3RZHU 0DQDJHPHQW6XSSRUW
The Am79C976 controller supports power manage-
ment as defined in the PCI Bus Power Management In-
terface Specification V1.1 and Network Device Class
Power Management Reference Specification V1.0.
These specifications define the network device power
states, PCI power management interface including the
Capabilities Data Structure and power management
registers block definitions, power management events,
and OnNow network Wake-up events. In addition, the
Am79C976 controller supports legacy power manage-
ment schemes, such as Remote Wake-Up (RWU)
mode. The RWU mode can accommodate systems
that sleep with PCI bus power off or on and the PCI
clock running or stopped. The RWU pin can drive the
CPU's System Management Interrupt (SMI) line or a
system power controller.
The general scheme for the Am79C976 controller
power management is that when a wake-up event is
detected, a signal is generated to cause hardware ex-
ternal to the Am79C976 device to put the computer into
the working (S0) mode. The Am79C976 device sup-
ports three types of wake-up events:
s
0DJLF3DFNHW'HWHFW
s
/LQN 6WDWH&KDQJH
s
3DWWHUQ 0DWFK 'HWHFW
The Am79C976 device supports two types of wake-up
control mechanisms:
Table 16. LED Default Configuration
LED
Output
Indication
Driver Mode
Pulse Stretch
LED0
Link Status
Open Drain -
Active Low
Enabled
LED1
Activity
Open Drain -
Active Low
Enabled
LED2
Speed
Open Drain -
Active Low
Enabled
LED3
Coll
Open Drain -
Active Low
Enabled
COL
COLE
FDLS
FDLSE
LNKS
LNKSE
RCV
RCVE
RCVM
RCVME
XMT
XMTE
To
Pulse
Stretcher
MR_SPEED_SEL
100E
MPS
MPSE
22929B-45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com