Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 103 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 103 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 99Page - Advanced Micro Devices AM79C976 Datasheet HTML 100Page - Advanced Micro Devices AM79C976 Datasheet HTML 101Page - Advanced Micro Devices AM79C976 Datasheet HTML 102Page - Advanced Micro Devices AM79C976 Datasheet HTML 103Page - Advanced Micro Devices AM79C976 Datasheet HTML 104Page - Advanced Micro Devices AM79C976 Datasheet HTML 105Page - Advanced Micro Devices AM79C976 Datasheet HTML 106Page - Advanced Micro Devices AM79C976 Datasheet HTML 107Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 309 page
background image
8/01/00
Am79C976
103
P R E L I M INARY
)LJXUH 3DWWHUQ0DWFK5$0
IEEE 1149.1 (1990) Test Access Port
Interface
An IEEE 1149.1-compatible boundary scan Test Ac-
cess Port is provided for board-level continuity test and
diagnostics. All digital input, output, and input/output
pins are tested. The following paragraphs summarize
the IEEE 1149.1-compatible test functions imple-
mented in the Am79C976 controller.
%RXQGDU\ 6FDQ&LUFXLW
The boundary scan test circuit requires four pins (TCK,
TMS, TDI and TDO), defined as the Test Access Port
(TAP). It includes a finite state machine (FSM), an in-
struction register, a data register array. Internal pull-up
resistors are provided for the TDI, TCK, and TMS pins.
7$3)LQLWH 6WDWH 0DFKLQH
The TAP engine is a 16-state finite state machine
(FSM), driven by the Test Clock (TCK), and the Test
Mode Select (TMS) pins. The FSM is reset when TMS
and TDI are high for five TCK periods.
6XSSRUWHG,QVWUXFWLRQV
In addition to the minimum IEEE 1149.1 requirements
(BYPASS, EXTEST, and SAMPLE instructions), three
additional instructions (IDCODE, TRIBYP, and SET-
BYP) are provided to further ease board-level testing.
All unused instruction codes are reserved. See Table
17 for a summary of supported instructions.
BCR Bit Number
BCR 47
BCR 46
BCR45
15
8
7
0 15
8
7
0
15
8
PMAT1
PMAT0
15
8
7
0
31
24
23
16
15
8
PMR_B4
PMR_B3
PMR_B2
PMR_B1
PMR_B0
Pattern Match
RAM Address
Pattern Match RAM Bit Number
39
32
31
24
23
16
15
8
7
0
Comments
0
P3 pointer
P2 pointer
P1 pointer
P0 pointer
Pattern Enable
bits
First Address
1
P7 pointer
P6 pointer
P5 pointer
P4 pointer
X
Second
Address
2
Data Byte 3
Data Byte 2
Data Byte1
Data Byte 0
Pattern Control
Start Pattern
P1
2+n
Data Byte 4n+3
Date Byte 4n+2
Data Byte 4n+1
Data Byte 4n+0
Pattern Control
End Pattern P1
J
Data Byte 3
Data Byte 2
Data Byte 1
Data Byte 0
Pattern Control
Start Pattern Pk
J+m
Data Byte 4m+3 Data Byte 4m+2 Data Byte 4m+1 Data Byte 4m+0
Pattern Control
End Pattern Pk
7
6 5
4
3 2
1
0
EOP
SKIP
MASK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com