Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 104 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 104 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 100Page - Advanced Micro Devices AM79C976 Datasheet HTML 101Page - Advanced Micro Devices AM79C976 Datasheet HTML 102Page - Advanced Micro Devices AM79C976 Datasheet HTML 103Page - Advanced Micro Devices AM79C976 Datasheet HTML 104Page - Advanced Micro Devices AM79C976 Datasheet HTML 105Page - Advanced Micro Devices AM79C976 Datasheet HTML 106Page - Advanced Micro Devices AM79C976 Datasheet HTML 107Page - Advanced Micro Devices AM79C976 Datasheet HTML 108Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 309 page
background image
104
Am79C976
8/01/00
P R E L I M INARY
Instruction Register and Decoding Logic
After the TAP FSM is reset, the IDCODE instruction is
always invoked. The decoding logic gives signals to con-
trol the data flow in the Data registers according to the
current instruction.
%RXQGDU\ 6FDQ5HJLVWHU
Each Boundary Scan Register (BSR) cell has two
stages. A flip-flop and a latch are used for the Serial
Shift Stage and the Parallel Output Stage, respectively.
There are four possible operation modes in the BSR
cell shown in Table 18.
2WKHU'DWD 5HJLVWHUV
Other data registers are the following:
1. Bypass Register (1 bit)
2. Device ID register (32 bits) (Table 19).
.
Note: The content of the Device ID register is the
same as the content of CSR88.
Reset
There are five different types of RESET operations that
may be p e r fo r med on th e A m 79 C976 dev ic e,
H_RESET, EE_RESET, S_RESET, STOP, and POR.
The following is a description of each type of RESET
operation.
+B5(6(7
Hardware Reset (H_RESET) is an Am79C976 reset
operation that has been created by the proper asser-
tion of the RST pin of the Am79C976 device while the
PG pin is HIGH. When the minimum pulse width timing
as specified in the RST pin description has been satis-
fied, then an internal reset operation will be performed.
H_RESET will program most of the CSR and BCR reg-
isters to their default value. Note that there are several
CSR and BCR registers that are undefined after
H_RESET. See the sections on the individual registers
for details.
H_RESET will clear most of the registers in the PCI
configuration space. H_RESET will reset the internal
state machines. Following the end of the H_RESET op-
eration, the Am79C976 controller will attempt to read
the EEPROM device through the EEPROM interface.
H_RESET will clear DWIO (BCR18, bit 7) and the
Am79C976 controller will be in 16-bit I/O mode after
the reset operation. A DWord write operation to the
RDP (I/O offset 10h) must be performed to set the
device into 32-bit I/O mode.
((B5(6(7
Prior to starting a read of the serial EEPROM, the
Am79C976 controller resets all the registers that can
be programmed from the EEPROM. This provides a
consistent starting point for register programming.
EE_RESET is also generated following EEPROM read
if the EEPROM CRC check fails.
Table 17. IEEE 1149.1 Supported Instruction
Summary
Instruction
Name
Instruc-
tion
Code
Description
Mode
Selected
Data
Register
EXTEST
0000
External
Test
Test
BSR
IDCODE
0001
ID Code
Inspection
Normal
ID REG
SAMPLE
0010
Sample
Boundary
Normal
BSR
TRIBYP
0011
Force Float
Normal
Bypass
SETBYP
0100
Control
Boundary To
1/0
Test
Bypass
BYPASS
1111
Bypass
Scan
Normal
Bypass
Table 18. BSR Mode Of Operation
&DSWXUH
6KLIW

8SGDWH

6\VWHP )XQFWLRQ
Table 19. Device ID Register
Bits 31-28
Version
Bits 27-12
Part Number:
0010 0110 0010 1000b
(2628h)
Bits 11-1
Manufacturer ID. The 11 bit manufacturer ID
code for AMD is 00000000001 in accordance
with JEDEC publication 106-A.
Bit 0
Always a logic 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com