Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 106 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 106 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 102Page - Advanced Micro Devices AM79C976 Datasheet HTML 103Page - Advanced Micro Devices AM79C976 Datasheet HTML 104Page - Advanced Micro Devices AM79C976 Datasheet HTML 105Page - Advanced Micro Devices AM79C976 Datasheet HTML 106Page - Advanced Micro Devices AM79C976 Datasheet HTML 107Page - Advanced Micro Devices AM79C976 Datasheet HTML 108Page - Advanced Micro Devices AM79C976 Datasheet HTML 109Page - Advanced Micro Devices AM79C976 Datasheet HTML 110Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 309 page
background image
106
Am79C976
8/01/00
P R E L I M INARY
Software Access
3&, &RQILJXUDWLRQ5HJLVWHUV
The Am79C976 controller implements the 256-byte
configuration space as defined by the PCI specification
revision 2.1. The 64-byte header includes all registers
required to identify the Am79C976 controller and its
function. Additionally, the optional PCI Power Manage-
ment Interface registers are implemented at location
44h - 4Bh. The layout of the Am79C976 PCI configura-
tion space is shown in Table 20.
The PCI configuration registers are accessible only by
configuration cycles. All multi-byte numeric fields follow
Little Endian byte ordering. All write accesses to Re-
served locations have no effect; reads from these loca-
tions will return a data value of 0.
,2 5HVRXUFHV
The Am79C976 controller requires 4K bytes of memory
address space for access to all the various internal reg-
isters as well as access to some setup information
stored in an external serial EEPROM. For compatibility
with previous PCnet family devices, the lower 32 bytes
of the register space are also mapped into I/O space,
but some functions of the Am79C976 controller (such
as network statistics) are only available in memory
space.
The Am79C976 controller supports mapping the ad-
dress space to both I/O and memory space. The value
in the PCI I/O Base Address register determines the
start address of the I/O address space. The register is
typically programmed by the PCI configuration utility
after system power-up. The PCI configuration utility
must also set the IOEN bit in the PCI Command register
to enable I/O accesses to the Am79C976 controller.
For memory mapped I/O access, the PCI Memory
Mapped I/O Base Address register controls the start
Table 20.
PCI Configuration Space Layout
31
24
23
16
15
8
7
0
Offset
Device ID
Vendor ID
00h
Status
Command
04h
Base-Class
Sub-Class
Programming IF
Revision ID
08h
Reserved
Header Type
Latency Timer
Cache Line Size
0Ch
I/O Base Address
10h
Memory-Mapped I/O Base Address
14h
Reserved
18h
Reserved
1Ch
Reserved
20h
Reserved
24h
Reserved
28h
Subsystem ID
Subsystem Vendor ID
2Ch
Expansion ROM Base Address
30h
Reserved
CAP-PTR
34h
Reserved
38h
MAX_LAT
MIN_GNT
Interrupt Pin
Interrupt Line
3Ch
Reserved
40h
PMC
NXT_ITM_PTR
CAP_ID
44h
DATA_REG
PMCSR_BSE
PMCSR
48h
Reserved
.
.
Reserved
FCh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com