Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 108 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 108 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 104Page - Advanced Micro Devices AM79C976 Datasheet HTML 105Page - Advanced Micro Devices AM79C976 Datasheet HTML 106Page - Advanced Micro Devices AM79C976 Datasheet HTML 107Page - Advanced Micro Devices AM79C976 Datasheet HTML 108Page - Advanced Micro Devices AM79C976 Datasheet HTML 109Page - Advanced Micro Devices AM79C976 Datasheet HTML 110Page - Advanced Micro Devices AM79C976 Datasheet HTML 111Page - Advanced Micro Devices AM79C976 Datasheet HTML 112Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 309 page
background image
108
Am79C976
8/01/00
P R E L I M INARY
:RUG,2 0RGH
After H_RESET, the Am79C976 controller is pro-
grammed to operate in Word I/O mode. DWIO (BCR18,
bit 7) will be cleared to 0. Table 22 shows how the 32
bytes of address space are used in Word I/O mode.
All I/O resources must be accessed in word quantities
and on word addresses. The Address PROM locations
can also be read in byte quantities. The only allowed
DWord operation is a write access to the RDP, which
switches the device to DWord I/O mode. A read access
other than those listed in Table 22 will yield undefined
data, and a write operation may cause unexpected re-
programming of the Am79C976 control registers.
Table 23 shows legal I/O accesses in Word I/O mode.
Note: * The offset of a MIB counter is the value con-
tained in the MIB Offset Register plus the offset shown
in Table 7 or Table 8.
'RXEOH:RUG ,20RGH
The Am79C976 controller can be configured to operate
in DWord (32-bit) I/O mode. The software can invoke
the DWIO mode by performing a DWord write access
to the I/O location at offset 10h (RDP). The data of the
write access must be such that it does not affect the in-
tended operation of the Am79C976 controller. Setting
the device into 32-bit I/O mode is usually the first oper-
ation after H_RESET or S_RESET. The RAP register
will point to CSR0 at that time. Writing a value of 0 to
CSR0 is a safe operation. DWIO (BCR18, bit 7) will be
set to 1 as an indication that the Am79C976 controller
operates in 32-bit I/O mode.
Note: Even though the I/O resource mapping changes
when the I/O mode setting changes, the RDP location
offset is the same for both modes. Once the DWIO bit
has been set to 1, only H_RESET can clear it to 0. The
DWIO mode setting is unaffected by S_RESET or set-
ting of the STOP bit. Table 24 shows how the 32 bytes
of address space are used in DWord I/O mode.
All I/O resources must be accessed in DWord quanti-
ties and on DWord addresses. A read access other
than listed in Table 25 will yield undefined data, and a
write operation may cause unexpected reprogramming
of the Am79C976 control registers.
DWIO mode applies to both I/O- and memory-mapped
accesses. Either a 32-bit I/O write to offset 10h relative
to the contents of the I/O Base Address Register (BAR)
or a 32-bit memory write to offset 10h relative to the
contents of the Memory BAR puts the device into
DWIO mode. Once in DWIO mode, the offsets of the
RAP, Reset, and BDP registers are 14h, 18h, and 1Ch
relative to the contents of either the I/O BAR or the
Memory BAR.
For example, in DWIO mode the BDP Register can be
read either by an I/O read from offset 1Ch relative to the
contents of the I/O BAR or by a memory read from off-
set 1Ch relative to the contents of the Memory BAR.
DWIO mode affects only the locations between 0 and
1Fh, which include the RAP, Reset, and BDP registers.
Registers at offset 20h and above are directly ac-
cessed in memory space by byte address and are un-
affected by DWIO.
The DWIO bit is also located at bit 28 of the CMD2 reg-
ister and can be set or cleared by software regardless
of its current setting.
Table 22. I/O Map In Word I/O Mode (DWIO = 0)
Offset
No. of
Bytes
Register
00h - 0Fh
16
APROM
10h
2
RDP
12h
2
RAP (shared by RDP and BDP)
14h
2
Reset Register
16h
2
BDP
18h - 1Fh
8
Reserved
20h-1FFh
224
Memory-mapped Registers
*
256
MIB Counters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com