Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 112 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 112 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 108Page - Advanced Micro Devices AM79C976 Datasheet HTML 109Page - Advanced Micro Devices AM79C976 Datasheet HTML 110Page - Advanced Micro Devices AM79C976 Datasheet HTML 111Page - Advanced Micro Devices AM79C976 Datasheet HTML 112Page - Advanced Micro Devices AM79C976 Datasheet HTML 113Page - Advanced Micro Devices AM79C976 Datasheet HTML 114Page - Advanced Micro Devices AM79C976 Datasheet HTML 115Page - Advanced Micro Devices AM79C976 Datasheet HTML 116Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 309 page
background image
112
Am79C976
8/01/00
P R E L I M INARY
The PCI Command register is read and written by the
host.
Bit
Name
Description
15-10
RES
Reserved locations. Read as ze-
ros; write operations have no ef-
fect.
9
FBTBEN
Fast Back-to-Back Enable. When
this bit is set to 1, the Am79C976
controller
will
generate
Fast
Back-to-Back cycles. When this
bit is cleared to 0, the Am79C976
controller will not generate Fast
Back-to-Back cycles.
FBTBEN is cleared by H_RESET
and is not effected by S_RESET
or by setting the STOP bit.
8
SERREN
SERR Enable. Controls the as-
sertion of the SERR pin. SERR is
disabled
when
SERREN
is
cleared. SERR will be asserted
on detection of an address parity
error and if both SERREN and
PERREN (bit 6 of this register)
are set.
SERREN
is
cleared
by
H_RESET and is not effected by
S_RESET or by setting the STOP
bit.
7
RES
Reserved location. Read as ze-
ros; write operations have no ef-
fect.
6
PERREN
Parity Error Response Enable.
Enables the parity error response
functions. When PERREN is 0
and the Am79C976 controller de-
tects a parity error, it only sets the
Detected Parity Error bit in the
PCI Status register. When PER-
REN is 1, the Am79C976 control-
ler
asserts
PERR
on
the
detection of a data parity error. It
also sets the DATAPERR bit (PCI
Status register, bit 8), when the
data parity error occurred during
a master cycle. PERREN also
enables reporting address parity
errors through the SERR pin and
the SERR bit in the PCI Status
register.
PERREN
is
cleared
by
H_RESET and is not affected by
S_RESET or by setting the STOP
bit.
5
VGASNOOP
VGA Palette Snoop. Read as ze-
ro; write operations have no ef-
fect.
4
MWIEN
Memory Write and Invalidate Cy-
cle Enable. When this bit is set to
1, the Am79C976 controller will
generate Memory Write and In-
validate (MWI) cycles when ap-
propriate. When the bit is cleared
to 0, the device will generate
Memory Write cycles instead of
MWI cycles.
MWIEN is cleared by H_RESET
and is not affected by S_RESET
or by setting the STOP bit.
3
SCYCEN
Special Cycle Enable. Read as
zero; write operations have no ef-
fect. The Am79C976 controller
ignores all Special Cycle opera-
tions.
2
BMEN
Bus
Master
Enable.
Setting
BMEN enables the Am79C976
controller to become a bus mas-
ter on the PCI bus. The host must
set BMEN before setting the INIT
or STRT bit in CSR0 of the
Am79C976 controller.
BMEN is cleared by H_RESET
and is not effected by S_RESET
or by setting the STOP bit.
1
MEMEN
Memory Space Access Enable.
The Am79C976 controller will ig-
nore all memory accesses when
MEMEN is cleared. The host
must set MEMEN before the first
memory access to the device.
For memory mapped I/O, the
host must program the PCI Mem-
ory Mapped I/O Base Address
register with a valid memory ad-
dress before setting MEMEN.
For accesses to the Expansion
ROM, the host must program the
PCI Expansion ROM Base Ad-
dress register at offset 30h with a
valid memory address before set-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com