Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 114 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 114 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 110Page - Advanced Micro Devices AM79C976 Datasheet HTML 111Page - Advanced Micro Devices AM79C976 Datasheet HTML 112Page - Advanced Micro Devices AM79C976 Datasheet HTML 113Page - Advanced Micro Devices AM79C976 Datasheet HTML 114Page - Advanced Micro Devices AM79C976 Datasheet HTML 115Page - Advanced Micro Devices AM79C976 Datasheet HTML 116Page - Advanced Micro Devices AM79C976 Datasheet HTML 117Page - Advanced Micro Devices AM79C976 Datasheet HTML 118Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 309 page
background image
114
Am79C976
8/01/00
P R E L I M INARY
cleared by writing a 1. Writing a 0
has
no
effect.
RTABORT
is
cleared by H_RESET and is not
affected by S_RESET or by set-
ting the STOP bit.
11
STABORT
Send Target Abort. Read as ze-
ro; write operations have no ef-
fect. The Am79C976 controller
will never terminate a slave ac-
cess with a target abort se-
quence.
STABORT is read only.
10-9
DEVSEL
Device Select Timing. DEVSEL
is set to 01b (medium), which
means that the Am79C976 con-
troller will assert DEVSEL two
clock periods after FRAME is as-
serted.
DEVSEL is read only.
8
DATAPERR Data
Parity
Error
Detected.
DATAPERR is set when the
Am79C976 controller is the cur-
rent bus master and it detects a
data parity error and the Parity
Error Response enable bit (PCI
Command register, bit 6) is set.
During the data phase of all
memory read commands, the
Am79C976 controller checks for
parity error by sampling the
AD[31:0] and C/BE[3:0] and the
PAR lines. During the data phase
of all memory write commands,
the Am79C976 controller checks
the PERR input to detect whether
the target has reported a parity
error.
DATAPERR
is
set
by
the
Am79C976
controller
and
cleared by writing a 1. Writing a 0
has no effect. DATAPERR is
cleared by H_RESET and is not
affected by S_RESET or by set-
ting the STOP bit.
7
FBTBC
Fast
Back-To-Back
Capable.
Read as one; write operations
have no effect. The Am79C976
controller is capable of accepting
fast
back-to-back
transactions
with the first transaction address-
ing a different target.
6-5
RES
Reserved locations. Read as
zero; write operations have no ef-
fect.
4
NEW_CAP New Capabilities. This bit indi-
cates whether this function imple-
ments
a
list
of
extended
capabilities such as PCI power
management. When set, this bit
indicates the presence of New
Capabilities. A value of 0 means
that this function does not imple-
ment New Capabilities.
Read as one; write operations
have no effect. The Am79C976
controller supports the Linked
Additional Capabilities List.
3-0
RES
Reserved locations. Read as
zero; write operations have no ef-
fect.
3&,5HYLVLRQ,' 5HJLVWHU
Offset 08h
The PCI Revision ID register is an 8-bit register that
specifies the Am79C976 controller revision number.
The value of this register is 5Xh with the lower four bits
being silicon-revision dependent.
The PCI Revision ID register is read only.
3&,3URJUDPPLQJ ,QWHUIDFH 5HJLVWHU
Offset 09h
The PCI Programming Interface register is an 8-bit reg-
ister that identifies the programming interface of
Am79C976 controller. PCI does not define any specific
register-level programming interfaces for network devic-
es. The value of this register is 00h.
The PCI Programming Interface register is read only.
3&,6XE&ODVV5HJLVWHU
Offset 0Ah
The PCI Sub-Class register is an 8-bit register that iden-
tifies specifically the function of the Am79C976 control-
ler. The value of this register is 00h which identifies the
Am79C976 device as an Ethernet controller.
The PCI Sub-Class register is read only.
3&,%DVH&ODVV5HJLVWHU
Offset 0Bh
The PCI Base-Class register is an 8-bit register that
broadly classifies the function of the Am79C976 con-
troller. The value of this register is 02h which classifies
the Am79C976 device as a network controller.
The PCI Base-Class register is read only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com