Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 113 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 113 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 109Page - Advanced Micro Devices AM79C976 Datasheet HTML 110Page - Advanced Micro Devices AM79C976 Datasheet HTML 111Page - Advanced Micro Devices AM79C976 Datasheet HTML 112Page - Advanced Micro Devices AM79C976 Datasheet HTML 113Page - Advanced Micro Devices AM79C976 Datasheet HTML 114Page - Advanced Micro Devices AM79C976 Datasheet HTML 115Page - Advanced Micro Devices AM79C976 Datasheet HTML 116Page - Advanced Micro Devices AM79C976 Datasheet HTML 117Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 309 page
background image
8/01/00
Am79C976
113
P R E L I M INARY
ting MEMEN. The Am79C976
controller will only respond to ac-
cesses to the Expansion ROM
when both ROMEN (PCI Expan-
sion ROM Base Address register,
bit 0) and MEMEN are set to 1.
Since MEMEN also enables the
memory mapped access to the
Am79C976 I/O resources, the
PCI Memory Mapped I/O Base
Address register must be pro-
grammed with an address so that
the device does not claim cycles
not intended for it.
MEMEN is cleared by H_RESET
and is not effected by S_RESET
or by setting the STOP bit.
0
IOEN
I/O Space Access Enable. The
Am79C976 controller will ignore
all I/O accesses when IOEN is
cleared. The host must set IOEN
before the first I/O access to the
device. The PCI I/O Base Ad-
dress
register
must
be
pro-
grammed with a valid I/O address
before setting IOEN.
IOEN is cleared by H_RESET
and is not effected by S_RESET
or by setting the STOP bit.
3&, 6WDWXV 5HJLVWHU
Offset 06h
The PCI Status register is a 16-bit register that contains
status information for the PCI bus related events.
Bit
Name
Description
15
PERR
Parity Error. PERR is set when
the Am79C976 controller detects
a parity error.
The Am79C976 controller sam-
ples the AD[31:0], C/BE[3:0], and
the PAR lines for a parity error at
the following times:
• In slave mode, during the ad-
dress phase of any PCI bus com-
mand.
• In slave mode, for all I/O, mem-
ory and configuration write com-
mands that select the Am79C976
controller when data is trans-
ferred (TRDY and IRDY are as-
serted).
• In master mode, during the data
phase of all memory read com-
mands.
In master mode, during the data
phase of the memory write com-
mand, the Am79C976 controller
sets the PERR bit if the target re-
ports a data parity error by as-
serting the PERR signal.
PERR is not effected by the state
of the Parity Error Response en-
able bit (PCI Command register,
bit 6).
PERR is set by the Am79C976
controller and cleared by writing a
1. Writing a 0 has no effect.
PERR is cleared by H_RESET
and is not affected by S_RESET
or by setting the STOP bit.
14
SERR
Signaled SERR. SERR is set
when the Am79C976 controller
detects an address parity error
and both SERREN and PERREN
(PCI Command register, bits 8
and 6) are set.
SERR is set by the Am79C976
controller and cleared by writing a
1. Writing a 0 has no effect.
SERR is cleared by H_RESET
and is not affected by S_RESET
or by setting the STOP bit.
13
RMABORT Received
Master
Abort.
RM-
ABORT
is
set
when
the
Am79C976 controller terminates
a master cycle with a master
abort sequence.
RMABORT
is
set
by
the
Am79C976
controller
and
cleared by writing a 1. Writing a 0
has no effect. RMABORT is
cleared by H_RESET and is not
affected by S_RESET or by set-
ting the STOP bit.
12
RTABORT
Received
Target
Abort.
RT-
ABORT is set when a target ter-
minates an Am79C976 master
cycle with a target abort se-
quence.
RTABORT
is
set
by
the
Am79C976
controller
and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com