Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 29 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 29 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 25Page - Advanced Micro Devices AM79C976 Datasheet HTML 26Page - Advanced Micro Devices AM79C976 Datasheet HTML 27Page - Advanced Micro Devices AM79C976 Datasheet HTML 28Page - Advanced Micro Devices AM79C976 Datasheet HTML 29Page - Advanced Micro Devices AM79C976 Datasheet HTML 30Page - Advanced Micro Devices AM79C976 Datasheet HTML 31Page - Advanced Micro Devices AM79C976 Datasheet HTML 32Page - Advanced Micro Devices AM79C976 Datasheet HTML 33Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 309 page
background image
8/01/00
Am79C976
29
P R E L I M INARY
Note: The FLA[23:20] pins are multiplexed with the
ERD[11:8] pins.
ERD[31:0]/FLD[7:0]
External Memory Data [31:0]
Input/Output
The ERD[7:0] pins provide data bits [7:0] for boot ROM
accesses. The ERD[31:0] pins provide data bits [31:0]
for external SSRAM accesses. The ERD[31:0] signals
are forced to a constant level to conserve power while
no access on the External Memory Bus is being per-
formed.
Note: The FLA[23:20] pins are multiplexed with the
ERD[11:8] pins.
ERCE
External SSRAM Chip Enable
Output
ERCE serves as the chip enable for the external SS-
RAM. It is asserted low when the SSRAM address on
the ERA[19:0] pins is valid.
FLCS
Boot ROM Chip Select
Output
FLCS serves as the chip select for the boot device. It is
asserted low when the boot ROM address on the
FLA[23:20] and ERA[19:0] pins is valid.
EROE
External SSRAM Output Enable
Output
EROE is asserted active LOW during SSRAM device
read operations to allow the SSRAM device to drive the
ERD[31:0] data bus. It is deasserted at all other times.
FLOE
Expansion ROM Output Enable
Output
FLOE is asserted active LOW during boot ROM read
operations to allow the boot ROM to drive the ERD[7:0]
data bus. It is deasserted at all other times.
Note: The FLOE pin is multiplexed with the ERADV
pin.
ERWE/FLWE
External Memory Write Enable
Output
ERWE provides the write enable for write accesses to
the external SSRAM and the Flash (boot ROM) device.
ERADSP/CEN
External Memory Address Strobe
Output
ERADSP provides the address strobe signal to load
the address into the external SSRAM.
ERADV
External Memory Address Advance
Output
ERADV provides the address advance signal to the ex-
ternal SSRAM. This signal is asserted low during a
burst access to increment the address counter in the
SSRAM.
Note: The FLOE pin is multiplexed with the ERADV
pin.
ERCLK
External Memory Clock
Output
ERCLK is the reference clock for all synchronous
SRAM accesses.
Media Independent Interface
TX_CLK
Transmit Clock
Input
TX_CLK is a continuous clock input that provides the
timing reference for the transfer of the TX_EN and
TXD[3:0] signals out of the Am79C976 device.
TX_CLK must provide a nibble rate clock (25% of the
network data rate). Hence, an MII transceiver operating
at 10 Mbps must provide a TX_CLK frequency of 2.5
MHz and an MII transceiver operating at 100 Mbps
must provide a TX_CLK frequency of 25 MHz.
TXD[3:0]
Transmit Data
Output
TXD[3:0] is the nibble-wide MII transmit data bus. Valid
data is generated on TXD[3:0] on every TX_CLK rising
edge while TX_EN is asserted. While TX_EN is deas-
serted, TXD[3:0] values are driven to a 0. TXD[3:0]
transitions synchronous to TX_CLK rising edges.
TX_EN
Transmit Enable
Output
TX_EN indicates when the Am79C976 device is pre-
senting valid transmit nibbles on the MII. While TX_EN
is asserted, the Am79C976 device generates TXD[3:0]
on TX_CLK rising edges. TX_EN is asserted with the
first nibble of preamble and remains asserted through-
out the duration of a packet until it is deasserted prior
to the first TX_CLK following the final nibble of the
frame. TX_EN transitions synchronous to TX_CLK ris-
ing edges.
COL
Collision
Input
COL is an input that indicates that a collision has been
detected on the network medium.
CRS
Carrier Sense
Input
CRS is an input that indicates that a non-idle medium,
due either to transmit or receive activity, has been de-
tected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com