Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 16 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 16 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 12Page - Advanced Micro Devices AM79C976 Datasheet HTML 13Page - Advanced Micro Devices AM79C976 Datasheet HTML 14Page - Advanced Micro Devices AM79C976 Datasheet HTML 15Page - Advanced Micro Devices AM79C976 Datasheet HTML 16Page - Advanced Micro Devices AM79C976 Datasheet HTML 17Page - Advanced Micro Devices AM79C976 Datasheet HTML 18Page - Advanced Micro Devices AM79C976 Datasheet HTML 19Page - Advanced Micro Devices AM79C976 Datasheet HTML 20Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 309 page
background image
16
Am79C976
7/25/00
P R E L I M INARY
Table 98:
R/TLEN Decoding (SSIZE32 = 0) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 226
Table 99:
R/TLEN Decoding (SSIZE32 = 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 226
Table 100: Receive Descriptor (SWSTYLE = 0) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 227
Table 101: Receive Descriptor (SWSTYLE = 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 227
Table 102: Receive Descriptor (SWSTYLE = 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 228
Table 103: Receive Descriptor (SWSTYLE = 4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 228
Table 104: Receive Descriptor (SWSTYLE = 5) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 228
Table 105: Receive Descriptor, SWSTYLE = 0 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 229
Table 106: Receive Descriptor, SWSTYLE = 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 230
Table 107: Receive Descriptor, SWSTYLE = 3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 232
Table 108:
Receive Descriptor, SWSTYLE = 4 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 233
Table 109: Receive Descriptor, SWSTYLE = 5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 235
Table 110: Transmit Descriptor (SWSTYLE = 0) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 238
Table 111: Transmit Descriptor (SWSTYLE = 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 238
Table 112: Transmit Descriptor (SWSTYLE = 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 238
Table 113: Transmit Descriptor (SWSTYLE = 4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 238
Table 114: Transmit Descriptor (SWSTYLE = 5) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 239
Table 115: Transmit Descriptor, SWSTYLE = 0 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 239
Table 116: Transmit Descriptor, SWSTYLE = 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 240
Table 117: Transmit Descriptor, SWSTYLE = 3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 241
Table 118: Transmit Descriptor, SWSTYLE = 4 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 242
Table 119: Transmit Descriptor, SWSTYLE = 5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 243
Table 120: Register Bit Cross Reference
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 253
Table 121: Control and Status Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 262
Table 122: Bus Configuration Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 264
Table B-1:
MII Management Register Set . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . B-1
Table B-2:
MII Management Control Register (Register 0) . . . . . . . . . . . . . . . . . . . . B-1
Table B-3:
MII Management Status Register (Register 1) . . . . . . . . . . . . . . . . . . . . . B-2
Table B-4:
Auto-Negotiation Advertisement Register (Register 4) . . . . . . . . . . . . . . . B-3
Table B-5:
Technology Ability Field Bit Assignments . . . . . . . . . . . . . . . . . . . . . . . . . B-3
Table B-6:
Auto-Negotiation Link Partner Ability Register (Register 5)
- Base Page Format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . B-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com