Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 92 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 92 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 88Page - Advanced Micro Devices AM79C976 Datasheet HTML 89Page - Advanced Micro Devices AM79C976 Datasheet HTML 90Page - Advanced Micro Devices AM79C976 Datasheet HTML 91Page - Advanced Micro Devices AM79C976 Datasheet HTML 92Page - Advanced Micro Devices AM79C976 Datasheet HTML 93Page - Advanced Micro Devices AM79C976 Datasheet HTML 94Page - Advanced Micro Devices AM79C976 Datasheet HTML 95Page - Advanced Micro Devices AM79C976 Datasheet HTML 96Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 309 page
background image
92
Am79C976
8/01/00
P R E L I M INARY
The contents of the SRAM_TYPE field are defined in
Table 15.
The width of the Flash memory (or EPROM) is 8 bits.
The memory can be as large as 16M X 8 bits.
The external memory bus uses the same address,
data, and control pins to access both Flash and
SSRAM memory, but it has separate chip select (or
chip enable) pins so that only one device can be se-
lected at a time. FLCS selects the Flash memory, while
ERCE selects the SSRAM. The Flash memory must
not be accessed when the Am79C976 controller is run-
ning (when the RUN bit in CMD0 is set to 1). Any ac-
cess to the Flash memory clears the RUN bit and
thereby abruptly stops all network and DMA opera-
tions.
ERA[19:0] provides 20 bits of address for the SSRAM
and the lower 20 bits of address for the Flash memory.
The higher 4 bits of address for the Flash memory are
shared with bits [11:8] of the SSRAM data bus
(ERD[11:8]). The lower 8 bits of the external memory
data bus ERD[7:0] are used by both the SSRAM and
the Flash. The high order 20 bits of the external mem-
ory data bus ERD[31:12] are used only by the SSRAM.
The output enable signal for the Flash (FLOE) shares a
pin with the SSRAM Address Advance signal (ERADV).
Figure 36 shows how the SSRAM and Flash can be
connected to the Am79C976 controller.
([SDQVLRQ520 %RRW'HYLFH $FFHVV
The Am79C976 controller supports EPROM or Flash
as an Expansion ROM boot device. Both are config-
ured using the same methods and operate the same.
See Figure 3636. See the previous section on Expan-
sion ROM transfers for the PCI timing and functional
description of the transfer method.
)LJXUH  ([WHUQDO665$0 DQG)ODVK&RQILJXUDWLRQ
Table 15. SRAM_TYPE Field Encoding
SRAM_TYPE[1:0]
External Memory Type
00
Reserved
01
ZBT
10
Reserved
11
Pipelined Burst
ERCLK
EROE
A[19:0]
DQ[7:0]
OE
CS
L4 Controller
FLASH
A[23:20]
WE
SSRAM
CLK
A[16:0]
CE1 OR CE2
D[31:0]
OE
GW OR R/W
ADV
ADSP OR CEN
CE
ERA[19:0]
ERD[31:0]
ERWE/FLWE
ERADV/FLOE
ERADSP/CEN
ERCE
FLCS
8
20
4
17
20
[11:8]
[7:0]
A17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com