Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 95 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 95 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 91Page - Advanced Micro Devices AM79C976 Datasheet HTML 92Page - Advanced Micro Devices AM79C976 Datasheet HTML 93Page - Advanced Micro Devices AM79C976 Datasheet HTML 94Page - Advanced Micro Devices AM79C976 Datasheet HTML 95Page - Advanced Micro Devices AM79C976 Datasheet HTML 96Page - Advanced Micro Devices AM79C976 Datasheet HTML 97Page - Advanced Micro Devices AM79C976 Datasheet HTML 98Page - Advanced Micro Devices AM79C976 Datasheet HTML 99Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 309 page
background image
8/01/00
Am79C976
95
P R E L I M INARY
)LJXUH  )ODVK 5HDGIURP ([SDQVLRQ %XV'DWD 3RUW
)LJXUH  )ODVK :ULWH6HTXHQFH
65$0 &RQILJXUDWLRQ
The Am79C976 controller uses external SSRAM for re-
ceive and transmit FIFOs. The size of the SSRAM can
be up to 4 Mbytes, organized as 1M X 32 bits. The size
of the SSRAM is indicated by the contents of the
SSRAM Size Register (or BCR25). SRAM_SIZE
should be loaded from the EEPROM.
The SSRAM is programmed in units of 512-byte pages.
To specify how much of the SSRAM is allocated to
transmit and how much is allocated to receive, the user
should program SRAM_BND Register (or BCR26, bits
15-0) with the page boundary where the receive buffer
begins. The SRAM_BND is also programmed in units
of 512-byte pages. The transmit buffer space starts at
0000h. It is up to the user or the software driver to split
up the memory for transmit or receive; there is no de-
faulted value. The minimum SSRAM size required is
four 512-byte pages for each transmit and receive
queue, which limits the SSRAM size to be at least 4
Kbytes.
The SRAM_BND upon H_RESET will be reset to
0000h. SRAM_BND must be programmed to a non-
zero value if the transmitter is enabled. SRAM_BND
should be programmed to a value larger than the max-
imum frame size to use the automatic retransmission
options, REX_UFLO, REX_RTRY, and RTRY_LCOL,
or if the transmit FIFO start point, XMTSP, is set to Full
Frame. (XMTSP is CTRL1, bits 17-16, or CSR80, bits
11-10.)
The Am79C976 controller does not allow software di-
agnostic access to the SRAM as do older devices in the
PCnet family. The Am79C976 controller provides soft-
ware access to an internal memory built-in self-test
(MBIST) controller which runs extensive, at-speed
ROMCLK
ERA[19:0]
FLCS
FLOE
ERD[7:0]
FLWE
ROMCLK
ERA[19:0]
FLCS
FLOE
ERD[7:0]
FLWE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com