Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 8Page - Advanced Micro Devices AM79C976 Datasheet HTML 9Page - Advanced Micro Devices AM79C976 Datasheet HTML 10Page - Advanced Micro Devices AM79C976 Datasheet HTML 11Page - Advanced Micro Devices AM79C976 Datasheet HTML 12Page - Advanced Micro Devices AM79C976 Datasheet HTML 13Page - Advanced Micro Devices AM79C976 Datasheet HTML 14Page - Advanced Micro Devices AM79C976 Datasheet HTML 15Page - Advanced Micro Devices AM79C976 Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 309 page
background image
12
Am79C976
7/25/00
P R E L I M INARY
LIST OF FIGURES
Figure 1:
Slave Configuration Read . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Figure 2:
Slave Configuration Write . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Figure 3:
Slave Read Using I/O Command . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Figure 4:
Slave Write Using Memory Command . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Figure 5:
Disconnect Of Slave Cycle When Busy . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
Figure 6:
Disconnect Of Slave Burst Transfer - No Host Wait States . . . . . . . . . . . . 38
Figure 7:
Disconnect Of Slave Burst Transfer - Host Inserts Wait States . . . . . . . . . 39
Figure 8:
Address Parity Error Response . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
Figure 9:
Slave Cycle Data Parity Error Response . . . . . . . . . . . . . . . . . . . . . . . . . . 40
Figure 10:
Bus Acquisition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
Figure 11:
Non-Burst Read Transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
Figure 12:
Burst Read Transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
Figure 13:
Non-Burst Write Transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
Figure 14:
Burst Write Transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
Figure 15:
Disconnect With Data Transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
Figure 16:
Disconnect Without Data Transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
Figure 17:
Target Abort . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
Figure 18:
Preemption During Non-Burst Transaction . . . . . . . . . . . . . . . . . . . . . . . . 49
Figure 19:
Preemption During Burst Transaction . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
Figure 20:
Master Abor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51
Figure 21:
Master Cycle Data Parity Error Response . . . . . . . . . . . . . . . . . . . . . . . . . 52
Figure 22:
Descriptor Ring Read In Non-Burst Mode . . . . . . . . . . . . . . . . . . . . . . . . . 53
Figure 23:
Descriptor Ring Read In Burst Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 54
Figure 24:
Descriptor Ring Write In Non-Burst Mode . . . . . . . . . . . . . . . . . . . . . . . . . 56
Figure 25:
Descriptor Ring Write In Burst Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57
Figure 26:
FIFO Burst Write At Start Of Unaligned Buffer . . . . . . . . . . . . . . . . . . . . . 58
Figure 27:
FIFO Burst Write At End Of Unaligned Buffer . . . . . . . . . . . . . . . . . . . . . . 59
Figure 28:
16-Bit Software Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 62
Figure 29:
32-Bit Software Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63
Figure 30:
ISO 8802-3 (IEEE/ANSI 802.3) Data Frame . . . . . . . . . . . . . . . . . . . . . . . 70
Figure 31:
IEEE 802.3 Frame and Length Field Transmission Order . . . . . . . . . . . . . 73
Figure 32:
VLAN-Tagged Frame Format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 79
Figure 33:
Media Independent Interface . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 82
Figure 34:
Frame Format at the MII Interface Connection . . . . . . . . . . . . . . . . . . . . . 83
Figure 35:
MII Receive Frame Tagging . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 91
Figure 36:
External SSRAM and Flash Configuration . . . . . . . . . . . . . . . . . . . . . . . . . 92
Figure 37:
Expansion ROM Bus Read Sequence . . . . . . . . . . . . . . . . . . . . . . . . . . . . 93
Figure 38:
Flash Read from Expansion Bus Data Port . . . . . . . . . . . . . . . . . . . . . . . . 95
Figure 39:
Flash Write Sequence . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 95
Figure 40:
EEPROM Data Format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 97
Figure 41:
EEPROM Entry Positions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 97
Figure 42:
CRC Flow . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 98
Figure 43:
LED Control Logic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 99
Figure 44:
OnNow Functional Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100
Figure 45:
Pattern Match RAM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 103
Figure 46:
PCI Expansion ROM Base Address Register . . . . . . . . . . . . . . . . . . . . . 117
Figure 47:
Address Match Logic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 227
Figure 48:
Normal and Tri-State Outputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 271



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com