Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 73 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 73 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 69Page - Advanced Micro Devices AM79C976 Datasheet HTML 70Page - Advanced Micro Devices AM79C976 Datasheet HTML 71Page - Advanced Micro Devices AM79C976 Datasheet HTML 72Page - Advanced Micro Devices AM79C976 Datasheet HTML 73Page - Advanced Micro Devices AM79C976 Datasheet HTML 74Page - Advanced Micro Devices AM79C976 Datasheet HTML 75Page - Advanced Micro Devices AM79C976 Datasheet HTML 76Page - Advanced Micro Devices AM79C976 Datasheet HTML 77Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 309 page
background image
8/01/00
Am79C976
73
P R E L I M INARY
)LJXUH  ,((( )UDPHDQG/HQJWK)LHOG7UDQVPLVVLRQ2UGHU
Since any valid Ethernet Type field value will always be
greater than a normal IEEE 802.3 Length field (Š46),
the Am79C976 controller will not attempt to strip valid
Ethernet frames. Note that for some network protocols,
the value passed in the Ethernet Type and/or IEEE
802.3 Length field is not compliant with either standard
and may cause problems if pad stripping is enabled.
5HFHLYH )&6&KHFNLQJ
Reception and checking of the received FCS is per-
formed automatically by the Am79C976 controller.
Note that if the Automatic Pad Stripping feature is en-
abled, the FCS for padded frames will be verified
against the value computed for the incoming bit stream
including pad characters, but the FCS value for a pad-
ded frame will not be passed to the host. If an FCS
error is detected in any frame, the error will be reported
in the CRC bit in the Receive Descriptor.
5HFHLYH ([FHSWLRQ&RQGLWLRQV
Exception conditions for frame reception fall into two
categories, i.e., those conditions which are the result of
normal network operation, and those which occur due
to abnormal network and/or host related events.
Normal exception events are caused by collisions,
which can distor t and truncate received frames.
Frames shorter than 64 bytes will, by default, be dis-
carded. These fragments will be discarded regardless
of whether the receive frame was the first (or only)
frame in the FIFO or if the receive frame was queued
behind a previously received message.
There are two control bits that can be used to cause the
MAC to override normal behavior and accept all frames
that pass address match, regardless of the frame
length. Setting the Runt Packet Accept (RPA) bit
(CMD2, bit 19) causes the MAC to accept runt packets
when the device is operating in either half- or full-du-
plex mode. Setting Full-Duplex Runt Packet Accept
(FDRPA, CMD2, bit 20) causes the MAC to accept runt
packets when the device is operating in full-duplex
mode. (When the value of RPA is 1, runt packets are
accepted regardless of the duplex mode or the value of
FDRPA.) In either case, there is a minimum frame size
of 16 bytes. Frames shorter than this may not be ac-
cepted, regardless of the value of RPA or FDRPA.
Abnormal network conditions include:
s
)&6 HUURUV
s
)UDPLQJ HUURUV
s
5HFHLYHU RYHUIORZ HYHQWV
These error conditions are reported in the correspond-
ing receive descriptors. The RcvFCSErrors, RcvAlign-
m ent Erro rs , or R cvMi ssPkt s cou n t e r i s a l so
incremented when one of these events occurs.
Statistics Counters
In order to provide network management information
with minimum host CPU overhead, the Am79C976 de-
vice automatically maintains a set of 32-bit controller
statistics counters. These counters are mapped di-
Preamble
1010....1010
SFD
10101011
Destination
Address
Source
Address
Length
LLC
Data
Pad
FCS
4
Bytes
46 – 1500
Bytes
2
Bytes
6
Bytes
6
Bytes
8
Bits
56
Bits
Start of Frame
at Time = 0
Increasing Time
Bit
0
Bit
7
Bit
0
Bit
7
Most
Significant
Byte
Least
Significant
Byte
1 – 1500
Bytes
45 – 0
Bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com