Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 266 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 266 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 262Page - Advanced Micro Devices AM79C976 Datasheet HTML 263Page - Advanced Micro Devices AM79C976 Datasheet HTML 264Page - Advanced Micro Devices AM79C976 Datasheet HTML 265Page - Advanced Micro Devices AM79C976 Datasheet HTML 266Page - Advanced Micro Devices AM79C976 Datasheet HTML 267Page - Advanced Micro Devices AM79C976 Datasheet HTML 268Page - Advanced Micro Devices AM79C976 Datasheet HTML 269Page - Advanced Micro Devices AM79C976 Datasheet HTML 270Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 309 page
background image
266
Am79C976
8/01/00
P R E L I M INARY
ABSOLUTE MAXIMUM RATINGS
Storage Temperature . . . . . . . . . . . . . -65ºC to +150ºC
Ambient Temperature. . . . . . . . . . . . . . -65ºC to +70ºC
Supply voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
with respect to VSSB, VSS . . . . . . . . . –0.3 V to 3.63 V
Stresses above those listed under Absolute Maximum
Ratings may cause permanent device failure. Function-
ality at or above these limits is not implied. Exposure to
Absolute Maximum Ratings for extended periods may
affect device reliability.
OPERATING RANGES
Commercial (C) Devices
Temperature (T) . . . . . . . . . . . . . . . . . . . 0ºC to +70ºC
Supply Voltages (VDD, AVDD) . . . . . . . . +3.3 V ±10%
All inputs within the range: . . .
VSS –0.5 V to 5.5 V
Operating ranges define those limits between which
the functionality of the device is guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com