Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5880 Datasheet(PDF) 18 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 18 Page - Active-Semi, Inc

Back Button ACT5880 Datasheet HTML 14Page - Active-Semi, Inc ACT5880 Datasheet HTML 15Page - Active-Semi, Inc ACT5880 Datasheet HTML 16Page - Active-Semi, Inc ACT5880 Datasheet HTML 17Page - Active-Semi, Inc ACT5880 Datasheet HTML 18Page - Active-Semi, Inc ACT5880 Datasheet HTML 19Page - Active-Semi, Inc ACT5880 Datasheet HTML 20Page - Active-Semi, Inc ACT5880 Datasheet HTML 21Page - Active-Semi, Inc ACT5880 Datasheet HTML 22Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 18 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
REGISTER AND BIT DESCRIPTIONS
BLOCK
ADDRESS
and BIT
NAME
DEFAULT
and
ACCESS
DESCRIPTION
SYS
0x00
7
TRST
0
W/R
Reset Timer Setting. Defines the reset time-out threshold. Reset
time-out is 65ms when value is 1, reset time-out is 260ms when
value is 0.
6
nSYSMODE
0
W/R
SYSLEV Mode Select. Defines the response to the SYSLEV
voltage detector, 0: automatic shut down when VVSYS falls below
the programmed VSYSLEV threshold, 1: Generate an interrupt
when VVSYS falls below the programmed VSYSLEV threshold.
5
nSYSLVMSK
0
W/R
System Voltage Level Interrupt Mask. SYSLEV interrupt is
masked by default, set to 1 to unmask this interrupt.
4
nSYSSTAT
0
R
VVSYS Status Indication. Value is 0 when VVSYS > VSYSLEV,
value is 1 when VVSYS < VSYSLEV.
3
SYSLEV[3]
0
W/R
4 bits to set the threshold of VSYSLEV. SYSLEV[3:0] = 0000 is for
2.2V. The voltage is linear coded with LSB for 0.1V in the range
of 2.2V to 3.7V, where LSB is SYSLEV[0]. The hysteresis is
0.2V in rising.
The setting is effective only when VVSYS > VUVLO.
2
SYSLEV[2]
0
1
SYSLEV[1]
0
0
SYSLEV[0]
0
0x01
7
EVENT1
0
WE/R For internal use only.
6
EVENT2
0
WE/R For internal use only.
5
EVENT4
0
W/R
Write 1 to enable the sleep mode of REG2, 0 to enable the
normal buck mode operation of REG2.
4
RFU
0
WE/R For internal use only.
3
SCRATCH[3]
x
W/R
4 bits scratch register for the equipment system to use. Data in
those bits are kept until the VSYS loses.
2
SCRATCH[2]
x
1
SCRATCH[1]
x
0
SCRATCH[0]
x
0x3C
[
7:0]
W/R
Set to 0x80 before setting nWKALM and RAAI.
0x3D
[
7:0]
Set to 0x08 before setting nWKALM and RAAI.
Note:
W/R: Write and read accessible. R: Read accessible, writing to the bit does not make change to the volume. WE/R: Write
and read accessible, write exact what it is before to avoid unexpected behavior. X is uncertain volume.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com