Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5880 Datasheet(PDF) 32 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 32 Page - Active-Semi, Inc

Back Button ACT5880 Datasheet HTML 28Page - Active-Semi, Inc ACT5880 Datasheet HTML 29Page - Active-Semi, Inc ACT5880 Datasheet HTML 30Page - Active-Semi, Inc ACT5880 Datasheet HTML 31Page - Active-Semi, Inc ACT5880 Datasheet HTML 32Page - Active-Semi, Inc ACT5880 Datasheet HTML 33Page - Active-Semi, Inc ACT5880 Datasheet HTML 34Page - Active-Semi, Inc ACT5880 Datasheet HTML 35Page - Active-Semi, Inc ACT5880 Datasheet HTML 36Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 32 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
REGISTER AND BIT DESCRIPTIONS CONT’D
BLOCK
ADDRESS
and BIT
NAME
DEFAULT
and
ACCESS
DESCRIPTION
RTC
0x9C
7
CLKSRC
0
W/R
Set 0 for using the xtal oscillator; Set 1 for using the buck switch clock.
6
nWKALM
0
W/R
Set 0 for enabling alarm against time match. Register 0x3C and 0x3D
need to be set 0x80 and 0x08 previous to setting this bit.
5
x
0
x
Not used.
4
x
0
x
Not used.
3
x
0
x
Not used.
2
x
0
x
Not used.
1
x
0
x
Not used.
0
x
0
x
Not used.
0xA0
7
x
x
x
Not used.
6
RCL
0
W/R
Set 1 to load RTC with the data stored in all setting registers by its 0
to 1 transition.
5
RAAI
0
W/R
Set 1 for enabling RTC alarm. Register 0x3C and 0x3D need to be
set 0x80 and 0x08 previous to setting this bit.
4
RDAI
0
W/R
Set 1 for interrupt assertion for 1s when day count changes.
3
RHAI
0
W/R
Set 1 for interrupt assertion for 1s when hours count changes.
2
RMAI
0
W/R
Set 1 for interrupt assertion for 1s when minute count changes.
1
RSAI
0
W/R
Set 1 for interrupt assertion for 0.5s when second count changes.
0
RTCEN
0
W/R
Set 1 to enable the RTC, set 0 to disable the RTC. This bit is cleared
to 0 when the RTC power losses.
0xA4
7
x
x
x
Not used.
6
x
x
x
Not used.
5 SETSEC[5]
0
W/R
Setting register for seconds. Store the seconds into this register firstly,
then set the RCL[ ] to 1 to load the RTC.
4 SETSEC[4]
0
W/R
3 SETSEC[3]
0
W/R
2 SETSEC[2]
0
W/R
1 SETSEC[1]
0
W/R
0 SETSEC[0]
0
W/R
0xA8
7
x
x
x
Not used.
6
x
x
x
Not used.
5 SETMIN[5]
0
W/R
4 SETMIN[4]
0
W/R
3 SETMIN[3]
0
W/R
2 SETMIN[2]
0
W/R
1 SETMIN[1]
0
W/R
0 SETMIN[0]
0
W/R
Setting register for minutes. Store the minutes into this register firstly,
then set the RCL[ ] to 1 to load the RTC.
Note:
W/R: Write and read accessible. X is uncertain volume.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com