Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5880 Datasheet(PDF) 7 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 7 Page - Active-Semi, Inc

Back Button ACT5880 Datasheet HTML 3Page - Active-Semi, Inc ACT5880 Datasheet HTML 4Page - Active-Semi, Inc ACT5880 Datasheet HTML 5Page - Active-Semi, Inc ACT5880 Datasheet HTML 6Page - Active-Semi, Inc ACT5880 Datasheet HTML 7Page - Active-Semi, Inc ACT5880 Datasheet HTML 8Page - Active-Semi, Inc ACT5880 Datasheet HTML 9Page - Active-Semi, Inc ACT5880 Datasheet HTML 10Page - Active-Semi, Inc ACT5880 Datasheet HTML 11Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 7 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
A1
SW3
The Switch Node of the Step-up DC/DC. Same function as pin A2.
A2
SW3
The Switch Node of the Step-up DC/DC. Same function as pin A1.
A3
FB3
The Current Feedback Input in constant current mode, or leave it unconnected in voltage regulation
mode. Connect to current sense resistor in serial in the WLED string, sense the voltage to ground to
regulate the WLED string current in constant current driver mode, or connect to the voltage sense tip
in inverse regulator mode. These modes are factory programmable only.
A4
nRSTO
The Reset Output, OD and Active Low. Asserted low during power up and keep low for 260ms for
system reset after OUT1 is in regulation. Refer to The Power-On Sequences section for more
details .
A5
CHGIN
The Charger Input. Power input to the charger and the system, same function as pin B5 and pin C5.
Bypass to GA with a 6.8μF high quality ceramic capacitor.
A6
nIRQ
The Interrupt Request Output, OD and Active Low. Asserted low when specified conditions qualified.
De-asserted when reading the respective register bits or writing the respective register bits.
A7
BATID
The Battery Installed Detection. Connect to the ID pin of the battery house connector, to detect if a
battery pack is installed by checking the voltage at this pin. Refer to The Battery Installed Detection
section for more details.
A8
nSTAT
The Charger Status Output, OD with Internal 8mA Current Limit. Sink current when the charger is in
precondition, fast charge and top-off states. It turns into high-Z in other charge states.
A9
TH
The Thermistor Monitoring Input. Monitor the battery pack temperature by reading the NTC
thermistor in battery pack and only allow charging when the temperature is in a suitable temperature
window.
B1
GP3
The Ground Path of Step-up DC/DC. Provide the direct ground return path between internal switch,
the external storage capacitor and the input decoupling capacitor. Same function as pin B2. Connect
GA, GP1, GP2 and GP3 to a single point as close to the IC as possible.
B2
GP3
The Ground Path of Step-up DC/DC. Same function as pin B1.
B3
OUT3
The Step-up DC/DC Voltage Sense Node in the Voltage Regulation Mode, Over-Voltage Protection
Sense Input in the Constant Current Mode. Connect to the Step-up DC/DC output in both modes.
The modes are factory programmable only options. Bypass to GA with a 2.2μF high quality ceramic
capacitor.
B4
INL45
The Input Node for the LDO REG4 and REG5. Bypass to GA with a 1μF high quality ceramic
capacitor placed as close to the IC as possible.
B5
CHGIN
The Charger Input. Same function as pin A5 and pin C5.
B6
VBAT
The Charger Output. Feed power to the battery and the system. Connect to the battery pack positive
terminal, same function as pin B7 and pin C6.Bypass to GA with a 4.7μF high quality ceramic
capacitor.
B7
VBAT
The Charger Output. Same function as pin B6 and pin C6.
B8
ACIN
The Adaptor Charging Input Detection. Pull this pin to a logic high when an adaptor is available or
ground it otherwise.
B9
CHGLEV
The Charge Current Level Selection. A logic input to select charging current when the ACIN is pulled
low, which is presumably for charging from the USB VBUS. Set high for 450mA charging and low for
90mA charging. The status of this pin does not affect the charging current during adaptor charging
when the ACIN is pulled high.
C1
HFPWR
The Hand-Free Power Request Input. Pull this pin high to request system power on if this chip is not
enabled, to initialize the normal power up procedure. When the IC is already enabled, logic changes
at this pin asserts nIRQ to request for system host service.
C2
PWRHLD
The Power Hold Input. Pull this pin high to hold the IC to be in enable state.
C3
INL89
The Input Node for the LDO REG8 and REG9. Bypass to GA with a 1μF high quality ceramic
capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com