Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5880 Datasheet(PDF) 79 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 79 Page - Active-Semi, Inc

Back Button ACT5880 Datasheet HTML 75Page - Active-Semi, Inc ACT5880 Datasheet HTML 76Page - Active-Semi, Inc ACT5880 Datasheet HTML 77Page - Active-Semi, Inc ACT5880 Datasheet HTML 78Page - Active-Semi, Inc ACT5880 Datasheet HTML 79Page - Active-Semi, Inc ACT5880 Datasheet HTML 80Page - Active-Semi, Inc ACT5880 Datasheet HTML 81Page - Active-Semi, Inc ACT5880 Datasheet HTML 82Page - Active-Semi, Inc ACT5880 Datasheet HTML 83Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 79 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
Figure 16:
The Battery Installation Detection Circuit.
Refer to Figure 16, the RID is known as battery
identification resistor in many commodity battery
pack designs, which is also used to identify the
battery model for the system. The resistance of RID
could be specified by ordering the battery pack, or
be whatever the commodity battery packs have, for
examples, the Nokia BLB-2 has a 68kΩ resistor and
the Nokia BLC-2 has a 75kΩ resistor. The RIDUP is
recommended to pull up to CHGIN, whose
resistance is derived from the thresholds and the
suitable charging voltage range.
The battery installed detection works only when
there is suitable charging voltage applied on the
CHGIN, no power loss occurs if not attaching onto
an external power source. When there is an
external power available at the CHGIN, the logic
level at the BATID decides if to operate as a normal
CCCV charger or to operate in LDO mode, in which
the charger regulator works like a LDO for
outputting the battery regulation voltage. When the
voltage the CHGIN is higher than the "No Battery
Installation Level" specified in the electrical
characteristics table, the charger is in LDO mode,
the maximum charge current still works to limit the
maximum output current.
When the battery does not have an ID resistor,
ground the BATID with a resistor to force the logic
level is equal to battery installed for normal charge
operation; Or connect it to an I/O of the system to
allow the system to control the logic level.
CC/CV Charging Profile
The core of the charger is a state machine which
manages the state transitions for the CC/CV
charging with a precondition state. The state
machine waits for the available condition for
operation. If the input power is available and battery
is detected, it monitors either the voltage at VBAT
or the current through the charge path, and
regulates either the current or the voltage, as the
profile showed in Figure 17. The profile is showed
in time plane with typical I and V change to time
curves. The top-off portion of curves, which is in
shorter period comparing to the fast charge period,
are plotted with expended time scale for showing in
detail.
Summary of Key Specifications
Table 10:
The Key Specification of the Charger Block.
Charge Current Sharing
The charge current may go into the battery or the
load, decided by their dynamic impedances. During
Top-off state or floating, the fast voltage regulation
loop puts most current into the charger path until
the charge path current reaches the fast charge
current limit, reduces the AC current into battery.
This prevents the battery from aging caused by
continuous passing AC current.
Thermal Regulation
The ACT5880 has an internal thermal feedback
loop that reduces the charge current when
necessary to ensure the die temperature does not
BATID
RID
RIDUP
ACT5880
Battery
Assembly
CHGIN
PARAMETER
VOLUME
TYPE
Battery Regulation
Voltage (V)
4.10 to 4.40
Programmable
Fast Charge Current
(mA)
90 to 1000
Programmable
End-of-Charge Current
Residual Ratio
10.00%
Fixed
Total Charge Time-out
(minutes)
180 to 300
Programmable
or Disabled
Pre-condition Threshold
(V)
2.8
Fixed
Pre-condition Current
(mA, or %/Fast Charge
Current)
45mA or
10%
Fixed
Pre-condition Time-out
(minutes)
40 to 80
Programmable
or disabled
Operation Voltage (V)
4.2 to 6
Fixed
UVLO Voltage (V)
3.1, 4
Programmable
Over Voltage Threshold
(V)
6.3 to 6.9
Programmable
Input Voltage Range (V)
0 to 7
Fixed
Regulation Die Temp(°C)
140 max.
Fixed
Hot Threshold, %
34.9
Fixed
Cold Threshold, %
74.8
Fixed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com