Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5880 Datasheet(PDF) 84 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 84 Page - Active-Semi, Inc

Back Button ACT5880 Datasheet HTML 79Page - Active-Semi, Inc ACT5880 Datasheet HTML 80Page - Active-Semi, Inc ACT5880 Datasheet HTML 81Page - Active-Semi, Inc ACT5880 Datasheet HTML 82Page - Active-Semi, Inc ACT5880 Datasheet HTML 83Page - Active-Semi, Inc ACT5880 Datasheet HTML 84Page - Active-Semi, Inc ACT5880 Datasheet HTML 85Page - Active-Semi, Inc ACT5880 Datasheet HTML 86Page - Active-Semi, Inc ACT5880 Datasheet HTML 87Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 84 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 84 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
could start normal operation and possibly changes
the I/O output, the ACT5880 preconditions and then
charges battery with only 90mA current limit, as
specified in the "Battery Charging", until the battery
is charged to high enough voltage for device
system to start.
If USB attaching is identified in a battery normal
system, the device system should start and try to
connect the host within 100ms, as required by the
USB protocol. Within this 100ms, 100mA drawn
from the port is allowed, what is greater than the
90mA the ACT5880 takes. After the connection ,
the device system takes control of charging, either
charging as a standard load to USB port or pouring
larger current as allowed, or turning into USB
SUSPEND without charging.
Fast Charge Current Adaptive
The over load to the USB port or a weak adaptor
could be identified by the loss of reading CHGIN
valid while the ACIN keeps reading valid. If the over
load happens, the device system could program the
ACT5880 to a less fast charge current volume to
make the power source normal while still getting as
much as possible power.
Dual inputs and USB-OTG Paths
In applications that 2 power input receptacles
wanted, 2 low forward voltage diodes and a 240kΩ
resistor RDAD are used in addition to circuit in Figure
20, as showed in Figure 21. When no suitable input
attaches to the Adaptor In, the circuit works
similarly to the circuit in the Figure 20. When
suitable input attaches to the Adaptor In, both ACIN
and CHGIN are read valid, regardless what
attaches to the USB receptacle.
Figure 21:
The Sample Circuit for Dual-inputs Charging.
Figure 22 is the typical circuit connecting a 5V
internal rail to the VBUS for providing power for
OTG application. In this circuit the QOTG has to be
with VGTH greater than 2V and to be effectively
conductive when VGTH is 5V. The QOTG is used to
isolate the capacitance on 5V rail during the VBUS
pulsing required by the SRP, and also provides a
controlled path for using the external 5V from VBUS
to replace the internal 5V rail.
Figure 22:
The Sample Circuit for Using External 5V rail.
Figure 23:
The Sample Circuit of Dual-inputs and External
5V.
Figure 23 is a sample of providing high current 5V
from an adaptor to the VBUS and for replacing the
internal 5V rail. All the 3 PFETs should be good for
control with 3V I/O, level shifters are desired
otherwise.
ACIN
RISO
ACT5880
DDN
DDP
Device
USB I/F
RDUP
RDDW
VBUS
CHGIN
D+
D-
RDAD
Adaptor In
Foreign
Adaptor
or USB
VBUS
USB connectors
ACT5880
VCC
Device
System
VBUS
D+
D-
VBUS
RIDUP
5V rail
CHGIN
ID
3V I/O
QOTG
ACIN
RISO
ACT5880
DDN
DDP
Device
USB I/F
RDUP
RDDW
VBUS
CHGIN
D+
D-
RDAD
Adaptor In
VCC
RIDUP
5V rail
3V I/O
QOTG
VBUS
ID
3V I/O
3V I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com