Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5880 Datasheet(PDF) 73 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 73 Page - Active-Semi, Inc

Back Button ACT5880 Datasheet HTML 69Page - Active-Semi, Inc ACT5880 Datasheet HTML 70Page - Active-Semi, Inc ACT5880 Datasheet HTML 71Page - Active-Semi, Inc ACT5880 Datasheet HTML 72Page - Active-Semi, Inc ACT5880 Datasheet HTML 73Page - Active-Semi, Inc ACT5880 Datasheet HTML 74Page - Active-Semi, Inc ACT5880 Datasheet HTML 75Page - Active-Semi, Inc ACT5880 Datasheet HTML 76Page - Active-Semi, Inc ACT5880 Datasheet HTML 77Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 73 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
The ACT5880 has a shared SAR ADC with a state-
machine for deploying actions to do resistive touch
panel measurement as well as normal ADC
conversion. The features and performance of the
circuit are optimized for applications with hand-held
size touch panel and related housekeeping. The
shared ADC core has 12 or 8 bits resolutions,
assures that it fits both the position measurement
and the contact evaluation.
The touch screen measurement circuit employs an
analogue front end and a touch detection circuit
with acquisition management, makes the circuit a
full function TSC (i.e., the touch screen controller).
Refer to Figure 10 for the top level block diagram of
the TSC ADC circuit.
Figure 10:
The TSC ADC Block Diagram.
The analogue front end is designed to provide force
driving bias and signal routes for 4-wire type
resistive touch panel and the auxiliary inputs for
common purpose ADC. Both the touch panel
measurement and the common purpose ADC
conversion are organized to manipulate with
operation to same sets of registers, the state
machine controls scanning to get each signal
converted in a sequential frame or doing a single
channel conversion, as it is programmed. Refer to
Acquisition Configuration
for details. And refer to
Table 7 for the key specifications.
4-wire Touch Screen Interface
The TSC ADC has following internal connections
for touch screen force and sense, as showed in
Table 8.
Table 7:
The Key Feature of the TSC ADC.
Table 8:
The Touch Screen Interface Connections.
Notes:
PEN: The pen touch detection connects to this pin;
2.5V: The 2.5V reference buffer output;
ADC: One of the ADC channel input.
The respective force and sense to touch panel is
shown in Figure 11.
The resistors lay in vertical and horizontal represent
the equivalent resistances of the transparent films
split by the touch spot, the resistors lay oblique is
the equivalent of the films contacting in the touch
spot, the paths in bold are the force current goes
through. Considering the current into the ADC input
is neglecting comparing the force current and the
even gradient slope of potential in the area between
two bias bar, the channel 0 and channel 1 read
exact the electrical equivalent coordinates in the
axes (the electrical equivalent coordinates then are
scaled to graphic user interface coordinates by the
application software). Giving the 3 equivalent
resistors in the force paths for the channel 2 or
channel 3 connections make the Z axis, the channel
TSC ADC
PARAMETERS
Resolution (bits)
12 or 8
Input Impedance
11MΩ
Input Capacitance
32pF
Force Driving Voltage and ADC Reference
2.5V
Maximum Force Driving Current
18mA
AUX0, AUX1, AUX2
2.5V
AUX3(VD)
6.024V
Full Scale Input
Voltage
XPOS
CHANNEL DESCRIPTION
PEN
Standby
ADC
0
Y-coordinate
2.5V
1
X-coordinate
ADC
2
Z2-coordinate
Hi-Z
3
Z1-coordinate
XNEG
Hi-Z
Hi-Z
GND
GND
GND
YPOS
Hi-Z
2.5V
ADC
2.5V
2.5V
YNEG
GND
GND
Hi-Z
Hi-Z
ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com