Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5880 Datasheet(PDF) 61 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 61 Page - Active-Semi, Inc

Back Button ACT5880 Datasheet HTML 57Page - Active-Semi, Inc ACT5880 Datasheet HTML 58Page - Active-Semi, Inc ACT5880 Datasheet HTML 59Page - Active-Semi, Inc ACT5880 Datasheet HTML 60Page - Active-Semi, Inc ACT5880 Datasheet HTML 61Page - Active-Semi, Inc ACT5880 Datasheet HTML 62Page - Active-Semi, Inc ACT5880 Datasheet HTML 63Page - Active-Semi, Inc ACT5880 Datasheet HTML 64Page - Active-Semi, Inc ACT5880 Datasheet HTML 65Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 61 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
Push-button Inputs
The nPBIN features dual-functions input, by
detecting if it is directly shorted to ground or pulled
to ground through a resistor of around 50kΩ (good
in range of 24kΩ to 82kΩ). See the Figure 2 for the
external connection, the push-button that directly
grounds the nPBIN input is namely the "Reset Key",
is identified as a manual reset request by the
ACT5880 when it is pressed; The other push-button
is namely the "Enable Key", is identified as a device
enable request when it is pressed.
When either "Reset Key" or "Enable Key" is
pressed, the nPBSTAT asserts low; In both cases
the ACT5880 may assert interrupt to the application
system if it is programmed so, by pulling the nIRQ
low.
Figure 2:
The External Circuit for The Push button Input
nPBSTAT Output
nPBSTAT is an open-drain output that reflects the
state of the nPBIN input; nPBSTAT is asserted low
whenever nPBIN is asserted, and is high-Z
otherwise. This output is typically used as an push
button status signal to the processor, to initiate a
software-programmable routine such as operating
mode selection or to open a menu. Connect
nPBSTAT to an appropriate supply voltage
(typically IO voltage) through a 10kΩ or greater
resistor.
Control Sequences
Power Output Sequence
A typical enable sequence initiates as a result of
pressing “Enable Key”, which is one of the 5 events
mentioned in the "Device Power States", and it
turns ACT5880 into the power-on default state or
last powered state before being turned off by
removing all the 5 events. When REG1 reaches its
power-OK threshold, nRSTO is asserted low. If
REG1 is above its power-OK threshold when the
reset timer expires, nRSTO is de-asserted. If the
equipment system pulls the PWRHLD (or any of the
HFPWR, ACOK or RTC alarm wake-up) to a logic
high before the push-button is released, the enable
state of the ACT5880 is kept. If this does not
happen, the ACT5880 goes back to the disable
state. The Figure 3 shows the states of the
ACT5880 and its power rails. The ACT5880 has 2
programmable reset timeout, which is optional on
default setting and programmable in operation.
When "Enable Key" is pressed in ACT5880 enable
state, the response depends on if the OUT1 outputs
is normal at the moment.
Figure 3:
Power Rail Sequence
When OUT1 is already enabled, the push button
event only asserts nPBSTAT (and the nIRQ if it is
programmed so). When the OUT1 is disabled, the
push button event starts OUT1 and pulls the nRSTO
low until the reset time-out expires after the OUT1 is
in regulation, also asserts nPBSTAT (and nIRQ if it is
programmed so), while no change to other
rails.Figure 4 shows the "Enable Key" push button
event when OUT1 is disabled.
Figure 4:
REG1 to nRSTO Sequence
See Figure 4 for illustration of pressing of "Enable
Key" when OUT1 does not output. When OUT1 is in
ACT5880



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com