Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5880 Datasheet(PDF) 9 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 9 Page - Active-Semi, Inc

Back Button ACT5880 Datasheet HTML 5Page - Active-Semi, Inc ACT5880 Datasheet HTML 6Page - Active-Semi, Inc ACT5880 Datasheet HTML 7Page - Active-Semi, Inc ACT5880 Datasheet HTML 8Page - Active-Semi, Inc ACT5880 Datasheet HTML 9Page - Active-Semi, Inc ACT5880 Datasheet HTML 10Page - Active-Semi, Inc ACT5880 Datasheet HTML 11Page - Active-Semi, Inc ACT5880 Datasheet HTML 12Page - Active-Semi, Inc ACT5880 Datasheet HTML 13Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 9 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
E8
SW2
The Switch Node of the Step-down DC/DC REG2. Same function as pin E9.
E9
SW2
The Switch Node of the Step-down DC/DC REG2. Same function as pin E8.
F1
GP1
The Ground Path of the Step-down DC/DC REG1. Provide the direct ground return path between
the internal switch, the external storage capacitor and the input decoupling capacitor. Same function
as pin G3.
F2
ODO1
The Open Drain Output 1. A current driver output with programmable output current. It could operate
in constant current mode, switch on/off mode or PWM mode. The maximum voltage is 40V for this
pin.
F3
OUT13
The Output of the LDO REG13. Bypass to GA with a 1.5μF high quality ceramic capacitor.
F4
INL1213
The Input Node for the LDO REG12 and REG13. Bypass to GA with a 1μF high quality ceramic
capacitor.
F5
GA
Analog Ground. Connect GA directly to a quiet ground node. Connect GA, GP1, GP2 and GP3 to a
single point as close to the IC as possible.
F6
REFBP
The Reference Bypass Node. Bypass to GA with a 47nF capacitor for noise suppression and PSRR
performance improvement. This pin is discharged to GA in shutdown.
F7
OUT2
The Step-down DC/DC REG2 Feedback Node. Connect it to the output node of REG2.
F8
VP2
The Switch Power Input Node of the Step-down DC/DC REG2. Same function as pin F9.
F9
VP2
The Switch Power Input Node of the Step-down DC/DC REG2. Same function as pin F8.
G1
SW1
The Switch Node of the Step-down DC/DC REG1. Same function as pin G2 and pin H1.
G2
SW1
The Switch Node of the Step-down DC/DC REG1. Same function as pin G1 and pin H1.
G3
GP1
The Ground Path of the Step-down DC/DC REG1. Same function as pin F1.
G4
OUT12
The Output of the LDO REG12. Bypass to GA with a 2.2μF high quality ceramic capacitor.
G5
VSYS
The Internal Bias Bypass. This rail is available all time that this IC works, bypass to GA with a 1μF
high quality ceramic capacitor.
G6
VD
The Power Input for Biasing the ADC Circuit. Bypass to GD with a 100nF high quality ceramic
capacitor.
G7
XNEG
One of ADC Input, Internally Configured as the Touch Screen Force-Sense Node XNEG with an
internal force switch.
G8
YPOS
One of ADC Input, Internally Configured as the Touch Screen Force-Sense Node YPOS with an
internal force switch.
G9
YNEG
One of ADC Input, Internally Configured as the Touch Screen Force-Sense Node YNEG with an
internal force switch.
H1
SW1
The Switch Node of the Step-down DC/DC REG1. Same function as pin G1 and pin G2.
H2
VP1
The Switch Power Input Node of the Step-down DC/DC REG1. Same function as pin J2.
H3
VSEL
The Output Voltage Selection Input for the Step-down DC/DC REG1. Allow the output voltage of the
step-down DC/DC REG1 flies between 2 preset voltages by asserting different logic level at this pin.
H4
SCL
The Clock for the I2C compatible Serial Interface. Does the same function as the SCL of a normal
400kHz fast I2C slave device.
H5
SDA
The Data for the I2C compatible Serial Interface. Does the same function as the SDA of a normal
400kHz fast I2C slave device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com