Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5880 Datasheet(PDF) 19 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 19 Page - Active-Semi, Inc

Back Button ACT5880 Datasheet HTML 15Page - Active-Semi, Inc ACT5880 Datasheet HTML 16Page - Active-Semi, Inc ACT5880 Datasheet HTML 17Page - Active-Semi, Inc ACT5880 Datasheet HTML 18Page - Active-Semi, Inc ACT5880 Datasheet HTML 19Page - Active-Semi, Inc ACT5880 Datasheet HTML 20Page - Active-Semi, Inc ACT5880 Datasheet HTML 21Page - Active-Semi, Inc ACT5880 Datasheet HTML 22Page - Active-Semi, Inc ACT5880 Datasheet HTML 23Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 19 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
REGISTER AND BIT DESCRIPTIONS CONT’D
BLOCK
ADDRESS
and BIT
NAME
DEFAULT
and
ACCESS
DESCRIPTION
SYS
0x6C
7
RFU
x
WE/R Reserved for future use.
6
RFU
x
WE/R Reserved for future use.
5
STB
0
W/R
Write and read for different functions, as flag bit or mask bit, for
the HFPWR assertion interrupt. Write 1 allow interrupt, write 0
mask interrupt; Read 1 when interrupt asserted, 0 if no interrupt.
Also see DATAB[ ], POSB[ ] and NEGB[ ] for the status and
conditions.
4
STA
1
W/R
Write and read for different functions, as flag bit or mask bit, for
the "enable key" push-button assertion interrupt. Write 1 allow
interrupt, write 0 mask interrupt; Read 1 when interrupt asserted,
0 if no interrupt. Also see DATAA[ ], POSA[ ] for the status and
conditions.
3
RFU
x
WE/R Reserved for future use.
2
RFU
x
1
DATAB
0
0
DATAA
0
0x6D
7
RFU
x
WE/R Reserved for future use.
6
RFU
x
WE/R Reserved for future use.
5
POSB
0
W/R
This bit needs to be set 1 for asserting interrupt when HFPWR
asserted.
4
POSA
1
W/R
This bit needs to be set 1 for asserting interrupt when "enable
key" asserted.
3
RFU
x
WE/R Reserved for future use.
2
RFU
x
1
NEGB
0
0
RFU
x
Reserved for future use.
This bit needs to be set 1 for asserting interrupt when HFPWR
asserted.
This bit needs to be set 1 for asserting interrupt when "enable
key" asserted.
Reserved for future use.
This bit needs to be set 1 for asserting interrupt when HFPWR
de-asserted.
Reserved for future use.
WE/R
W/R
W/R
WE/R
W/R
WE/R
Note:
W/R: Write and read accessible. R: Read accessible, writing to the bit does not make change to the volume. WE/R: Write
and read accessible, write exact what it is before to avoid unexpected behavior. X is uncertain volume.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com