Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5880 Datasheet(PDF) 55 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 55 Page - Active-Semi, Inc

Back Button ACT5880 Datasheet HTML 51Page - Active-Semi, Inc ACT5880 Datasheet HTML 52Page - Active-Semi, Inc ACT5880 Datasheet HTML 53Page - Active-Semi, Inc ACT5880 Datasheet HTML 54Page - Active-Semi, Inc ACT5880 Datasheet HTML 55Page - Active-Semi, Inc ACT5880 Datasheet HTML 56Page - Active-Semi, Inc ACT5880 Datasheet HTML 57Page - Active-Semi, Inc ACT5880 Datasheet HTML 58Page - Active-Semi, Inc ACT5880 Datasheet HTML 59Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 55 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
-40
-20
0
20
40
60
80
100 120
1.90
1.95
2.00
2.05
2.10
2.5
3
3.544.555.5
1.96
1.98
2.00
2.02
2.04
2.06
2.08
2.533.544.555.5
1.15
1.16
1.17
1.18
1.19
1.20
1.21
1.22
1.23
1.24
1.25
-40 -20
0
20
40
60
80 100 120 140
1.15
1.16
1.17
1.18
1.19
1.20
1.21
1.22
1.23
1.24
1.25
TYPICAL PERFORMANCE CHARACTERISTICS
(VVSYS = 3.6V, TA = 25°C, unless otherwise specified.)
The waveform captures and the plots:
VSYS (V)
1. The Reference Voltage Line Regulation
2. The Reference Voltage Temperature Coefficient
1. The Reference Voltage Line Regulation.
2. The Reference Voltage Temperature Coefficient.
3. The Oscillator Frequency Line Voltage Pulling.
4. The Oscillator Frequency Temperature Pulling.
5. The REG1 Soft-Start from Last I2C Bit, Full Load.
6. The REG1 Soft-Start from PWRHLD Set 1, No Load.
7. The REG1 Step Transition Response, Full Load.
8. The REG1 Efficiency Plot.
9. The REG2 Efficiency Plot.
10. The REG1 Load Transition Response.
11. The REG2 Load Transition Response.
12. The REG2 Buck mode to the Linear Mode Transition.
13. The REG3 Start up Waveform, Full Load.
14. The REG3 Step Transition Response, Full Load.
15. The REG3 Efficiency Plot.
16. The REG3 Load Transition Response.
17. The REG3 External PWM to Current Output.
18. The REG4 Start up Waveform, No Load.
19. The REG4 Start up Waveform, Full Load;
20. The REG4 voltage step transition response.
21. The REG4 Load Transition Response.
22. The Charge Current vs. VVBAT, VCHGIN=5V.
23. The Charge Current vs. VVBAT, VCHGIN=6V.
24. The Charge Current vs. Ambient Temperature, 6V input.
25. The Charger Load Transition Response , LDO Mode.
26. The Backup Battery Charge Current vs. VVSYS
27. The DC Sweep Histogram DNL
28. The DC input Effective Numbers of Bits.
Temperature (°C)
VSYS (V)
3. The Oscillator Frequency Line Voltage Pulling
4. The Oscillator Frequency Temperature Pulling
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com