Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5880 Datasheet(PDF) 12 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 12 Page - Active-Semi, Inc

Back Button ACT5880 Datasheet HTML 8Page - Active-Semi, Inc ACT5880 Datasheet HTML 9Page - Active-Semi, Inc ACT5880 Datasheet HTML 10Page - Active-Semi, Inc ACT5880 Datasheet HTML 11Page - Active-Semi, Inc ACT5880 Datasheet HTML 12Page - Active-Semi, Inc ACT5880 Datasheet HTML 13Page - Active-Semi, Inc ACT5880 Datasheet HTML 14Page - Active-Semi, Inc ACT5880 Datasheet HTML 15Page - Active-Semi, Inc ACT5880 Datasheet HTML 16Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 12 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
Figure 1:
I2C Compatible Serial Bus Timing
(VVSYS = 3.6V, TA = 25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SCL, SDA Input Low
VVSYS = 3.1V to 5.5V, TA = -40ºC to 85ºC
0.4
V
SCL, SDA Input High
VVSYS = 3.1V to 5.5V, TA = -40ºC to 85ºC
1.4
V
SCL, SDA Leakage Current
1
µA
SDA Output Low
IOL = 5mA
0.3
V
SCL Clock Period, tSCL
1.5
µs
SDA Data Setup Time, tSU
100
ns
SDA Data Hold Time, tHD
300
ns
Start Setup Time, tST
For Start Condition
100
ns
Stop Setup Time, tSP
For Stop Condition
100
ns
I2C INTERFACE ELECTRICAL CHARACTERISTICS
SDA
SCL
tST
tSU
tHD
tSP
tSCL
Start
condition
Stop
condition
Note:
Each session of data transfer is with a start condition, a 7-bits slave address plus a bit to instruct for read or write, fol-
lowed by an acknowledge bit, a register address byte followed by an acknowledge bit, and a data byte followed by an
acknowledge bit and a stop condition. The device address, the register address and the data are all MSB first transferred.
Each bit volume is prepared during the SCL is low, is latched-in by the rising edge of the SCL. The data byte is accepted
and is put effective by the time that the last bit volume is latched-in.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com