Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5880 Datasheet(PDF) 33 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 33 Page - Active-Semi, Inc

Back Button ACT5880 Datasheet HTML 29Page - Active-Semi, Inc ACT5880 Datasheet HTML 30Page - Active-Semi, Inc ACT5880 Datasheet HTML 31Page - Active-Semi, Inc ACT5880 Datasheet HTML 32Page - Active-Semi, Inc ACT5880 Datasheet HTML 33Page - Active-Semi, Inc ACT5880 Datasheet HTML 34Page - Active-Semi, Inc ACT5880 Datasheet HTML 35Page - Active-Semi, Inc ACT5880 Datasheet HTML 36Page - Active-Semi, Inc ACT5880 Datasheet HTML 37Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 33 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
REGISTER AND BIT DESCRIPTIONS CONT’D
BLOCK
ADDRESS
and BIT
NAME
DEFAULT
and
ACCESS
DESCRIPTION
RTC
0xAC
7
x
x
x
Not used.
6
x
x
5
x
x
4
SETHR[4]
0
W/R
Setting register for hours. Store the hours into this register firstly,
then set the RCL[ ] to 1 to load the RTC.
3
SETHR[3]
0
2
SETHR[2]
0
1
SETHR[1]
0
0
SETHR[0]
0
0xB0
7
SETDAY[7]
0
W/R
Setting register for the elapsed days. Store the lower byte of days
into this register firstly, then set the RCL[ ] to 1 to load the RTC.
The SETDAY[0] is the LSB of the days word.
6
SETDAY[6]
0
5
SETDAY[5]
0
4
SETDAY[4]
0
3
SETDAY[3]
0
2
SETDAY[2]
0
1
SETDAY[1]
0
0
SETDAY[0]
0
0xB1
7
SETDAY[15]
0
W/R
6
SETDAY[14]
0
5
SETDAY[13]
0
4
SETDAY[12]
0
3
SETDAY[11]
0
2
SETDAY[10]
0
1
SETDAY[9]
0
0
SETDAY[8]
0
0xB4
7
x
x
x
Not used.
6
x
x
x
Not used.
5
x
x
x
Not used.
4
ALMINT
0
W/R
Interrupt flag. Read 1 if timing alarm asserted. Write 0 to clear.
3
DAYINT
0
W/R
Interrupt flag. Read 1 if timing alarm asserted. Write 0 to clear.
2
HRINT
0
W/R
Interrupt flag. Read 1 if timing alarm asserted. Write 0 to clear.
1
MININT
0
W/R
Interrupt flag. Read 1 if timing alarm asserted. Write 0 to clear.
0
SECINT
0
W/R
Interrupt flag. Read 1 if every second alarm asserted, Write 0 to
clear.
Setting register for the elapsed days. Store the upper byte of
days into this register firstly, then set the RCL[ ] to 1 to load the
RTC.
The SETDAY[15] is the MSB of the days word.
Note:
W/R: Write and read accessible. X is uncertain volume.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com