Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5880 Datasheet(PDF) 65 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 65 Page - Active-Semi, Inc

Back Button ACT5880 Datasheet HTML 61Page - Active-Semi, Inc ACT5880 Datasheet HTML 62Page - Active-Semi, Inc ACT5880 Datasheet HTML 63Page - Active-Semi, Inc ACT5880 Datasheet HTML 64Page - Active-Semi, Inc ACT5880 Datasheet HTML 65Page - Active-Semi, Inc ACT5880 Datasheet HTML 66Page - Active-Semi, Inc ACT5880 Datasheet HTML 67Page - Active-Semi, Inc ACT5880 Datasheet HTML 68Page - Active-Semi, Inc ACT5880 Datasheet HTML 69Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 65 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
this change asserts interrupt to alert the system for
out of regulation.
Component Selection
Each step-down DC/DC regulator utilizes current-
mode
control
and
a
proprietary
internal
compensation scheme to simultaneously simplify
external
component
selection
and
optimize
transient performance over its full operating range.
No compensation design is required; simply follow a
few simple guidelines described below when
choosing external components.
Inductor Selection
The inductors with inductance 1.5µH to 2.2µH for
REG1 and 1.5µH to 3.3µH for REG2 are
recommended.
Input and Output Capacitor Selection
REG1 and REG2 are designed to operate with
small
22µF~27µF
and
10µF~22µF
output
capacitors respectively, over their output voltage
ranges. The input bypass capacitors sink the quick
component in current, help in suppressing of EMI
and improving the efficiency. Capacitance in range
2μF to 10μF is commonly sufficient. X5R and X7R
dielectrics are recommended for those capacitors
for their suitable and stable characteristics to better
performance.
PCB Layout Considerations
The high frequency element in the inductor current
alternates between the switch ground path and the
input bypass capacitor ground path. Place and
route the two paths close, then place the ground
end of output capacitor close to them, then place
the inductor close is the better order in layout
design. Though the practice is difficult to place all
components close to the ACT5880, it is necessary
to give the step-down DC/DCs the priority for closer
placement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com