Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5880 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT5880 Datasheet HTML 1Page - Active-Semi, Inc ACT5880 Datasheet HTML 2Page - Active-Semi, Inc ACT5880 Datasheet HTML 3Page - Active-Semi, Inc ACT5880 Datasheet HTML 4Page - Active-Semi, Inc ACT5880 Datasheet HTML 5Page - Active-Semi, Inc ACT5880 Datasheet HTML 6Page - Active-Semi, Inc ACT5880 Datasheet HTML 7Page - Active-Semi, Inc ACT5880 Datasheet HTML 8Page - Active-Semi, Inc ACT5880 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 87 page
background image
- 1 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
Rev 2, 03-Sep-13
ACT5880
15 Channels Advanced PMU for Smart Phone
FEATURES
• Flexible CCCV Charger with Internal MOSFET
− Programmable Charge Current
− Programmable Charge Termination Voltage
− Programmable OVP threshold
− Regulation against Die Thermal Condition
− Charge Status Output, LED driving
− Battery Thermal Condition Monitor
− Battery Installation Detection
− USB Charging Compatible
• Fifteen Channels of Power Supplies
− Two Step-Down DC/DC Converters
− One Step-up Regulator, ~40V, ~750mA Switch
− Seven High PSRR LDOs
− Three Low Quiescent Current LDOs
− One Always-on LDO
− One Back-up Battery/Super-Capacitor Charger
• Advanced System Control and Interfaces
− I2CTM Serial Interface
− Touch Screen Controller with Three AUX Inputs
• Advanced Function
− Real Time Clock
− Three CC/PWM LED Drivers, ODO1 Supports up
to 40V
GENERAL DESCRIPTION
The ACT5880 is a complete, cost effective, highly-
efficient ActivePMUTM power management solution,
optimized for portable devices like smart phones,
Mobile Internet Devices.
This device features two step-down DC/DC
converters, one step-up DC/DC regulator, seven
high PSRR LDOs, three low quiescent current
LDOs, one always-on LDO, and one back-up
battery/super-capacitor charger, along with a
complete battery charging solution.
This device also integrates a touch screen
controller interface with three AUX inputs, three
current controlled LED drivers, and a Real Time
Clock.
The two step-down DC/DC converters utilize a high
efficiency, fixed-frequency (2MHz), current-mode
PWM control architecture that requires a minimum
number of external components. Two step-down
DC/DCs are capable of supplying up to 1200mA
and 700mA of output current. All LDOs are high-
performance, low-noise, regulators that supply up to
360mA of output current. The back-up battery
charger supports up to 3.5mA of output current.
The ACT5880 is available in a compact, Pb-Free
and RoHS-compliant, 81 balls, 6mmx6mm FC-
FBGA package with 1mm height.
TYPICAL APPLICATION DIAGRAM


Similar Part No. - ACT5880

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT5880 ACTIVE-SEMI-ACT5880 Datasheet
160Kb / 2P
15 Channels Rich Featured PMU for Smart Phone
05-Dec-11
More results

Similar Description - ACT5880

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8893 ACTIVE-SEMI-ACT8893 Datasheet
97Kb / 2P
Advanced PMU for CoreLogic LUCY
29-Nov-10
ACT8896 ACTIVE-SEMI-ACT8896 Datasheet
88Kb / 2P
Advanced PMU for Samsung S3C6410
29-Nov-10
ACT8898 ACTIVE-SEMI-ACT8898 Datasheet
83Kb / 2P
Advanced PMU for Marvell Aspen
29-Nov-10
ACT8933 ACTIVE-SEMI-ACT8933 Datasheet
102Kb / 2P
Advanced PMU for CoreLogic LUCY
04-Nov-10
ACT8936 ACTIVE-SEMI-ACT8936 Datasheet
99Kb / 2P
Advanced PMU for Samsung S3C6410
09-Nov-10
ACT8938 ACTIVE-SEMI-ACT8938 Datasheet
91Kb / 2P
Advanced PMU for Marvell Aspen
09-Nov-10
ACT5880 ACTIVE-SEMI-ACT5880 Datasheet
160Kb / 2P
15 Channels Rich Featured PMU for Smart Phone
05-Dec-11
ACT8933 ACTIVE-SEMI-ACT8933_14 Datasheet
723Kb / 44P
Advanced PMU for CoreLogic LUCY
Rev 3, 15-Nov-12
logo
Global Mixed-mode Techn...
G2207 GMT-G2207 Datasheet
97Kb / 1P
66 Channels PMU for DSC
logo
Texas Instruments
TPS65835 TI1-TPS65835_16 Datasheet
2Mb / 67P
Advanced PMU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com